전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS1249 데이터시트(PDF) 1 Page - CIT Relay & Switch

부품명 MS1249
상세설명  CIT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIT [CIT Relay & Switch]
홈페이지  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

MS1249 데이터시트(HTML) 1 Page - CIT Relay & Switch

  MS1249 Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Switch Function
SPDT
Electrical Ratings
100mA @ 12VDC
Electrical Life
10,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
250 +/- 100gF
Actuator Travel
2.0 mm total
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
Acetal
Housing
Steel
Base
Phenolic
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
MS1249
MS1249
DIMENSIONS
SCHEMATIC & PC LAYOUT
MS1249


유사한 부품 번호 - MS1249

제조업체부품명데이터시트상세설명
logo
CIT Relay & Switch
MS1244 CIT-MS1244 Datasheet
117Kb / 1P
CIT SWITCH
MS1245 CIT-MS1245 Datasheet
116Kb / 1P
CIT SWITCH
logo
List of Unclassifed Man...
MS124655 ETC1-MS124655 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MS124656 ETC1-MS124656 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MS124695 ETC1-MS124695 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
More results

유사한 설명 - MS1249

제조업체부품명데이터시트상세설명
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com