전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STDRIVE601 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STDRIVE601
상세설명  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STDRIVE601 Datasheet HTML 12Page - STMicroelectronics STDRIVE601 Datasheet HTML 13Page - STMicroelectronics STDRIVE601 Datasheet HTML 14Page - STMicroelectronics STDRIVE601 Datasheet HTML 15Page - STMicroelectronics STDRIVE601 Datasheet HTML 16Page - STMicroelectronics STDRIVE601 Datasheet HTML 17Page - STMicroelectronics STDRIVE601 Datasheet HTML 18Page - STMicroelectronics STDRIVE601 Datasheet HTML 19Page - STMicroelectronics STDRIVE601 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Figure 9. Smart shutdown timing waveforms
SMART SHUTDOWN CIRCUIT
LVG/HVG
OD gate
(internal)
CIN
Fast shut down
the driver outputs are switched off
disable time
OD
FAULT
VREF
tFCIN
tFCIN
tCINoff
VSSDh
VSSDl
VOD
t1
t2
OD
COD
SMART
SD
LOGIC
RON_OD
IOD
5 V
VCC
OD
COD
SMART
SD
LOGIC
RON_OD
IOD
5 V
ROD_ext
external pull-up
2
1
immediately after the comparator triggering
STDRIVE601
Comparator and smart shutdown
DS12949 - Rev 2
page 16/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26