| 전자부품 데이터시트 검색엔진 |
|
STGAP2SICSCTR 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP2SICSCTR 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 22 page ![]() 3 Electrical data 3.1 Absolute maximum ratings Table 2. Absolute maximum ratings Symbol Parameter Test condition Min. Max. Unit VDD Logic supply voltage vs. GND - -0.3 6.5 V VLOGIC Logic pins voltage vs. GND - -0.3 6.5 V VH Positive supply voltage (VH vs. GNDISO) - -0.3 28 V VOUT Voltage on gate driver outputs (GON, GOFF, CLAMP VS. GNDISO) - -0.3 VH+0.3 V TJ Junction temperature - -40 150 °C TS Storage temperature - -50 150 °C ESD HBM (human body model) - 2 kV 3.2 Thermal data Table 3. Thermal data Symbol Parameter Package Value Unit Rth(JA) Thermal resistance junction to ambient SO-8W 120 °C/W 3.3 Recommended operating conditions Table 4. Recommended operating conditions Symbol Parameter Test conditions Min. Max. Unit VDD Logic supply voltage vs. GND - 3.1 5.5 V VLOGIC Logic pins voltage vs. GND - 0 5.5 V VH Positive supply voltage (VH vs. GNDISO) - Max(VHON) 26 V FSW Maximum switching frequency(1) - - 1 MHz tOUT Output pulse width (GOUT, GON-GOFF) - 100 - ns TJ Operating Junction Temperature - -40 125 °C 1. Actual limit depends on power dissipation and TJ. STGAP2SICS Electrical data DS13402 - Rev 4 page 4/22 |