전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L4CD 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 VL53L4CD
상세설명  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 23Page - STMicroelectronics VL53L4CD Datasheet HTML 24Page - STMicroelectronics VL53L4CD Datasheet HTML 25Page - STMicroelectronics VL53L4CD Datasheet HTML 26Page - STMicroelectronics VL53L4CD Datasheet HTML 27Page - STMicroelectronics VL53L4CD Datasheet HTML 28Page - STMicroelectronics VL53L4CD Datasheet HTML 29Page - STMicroelectronics VL53L4CD Datasheet HTML 30Page - STMicroelectronics VL53L4CD Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
9
Packaging and labeling
9.1
Product marking
A two line product marking is applied on the backside of the module (i.e. on the substrate). The first line is the
silicon product code, and the second line, the internal tracking code.
9.2
Inner box labeling
The labeling follows the ST standard packing acceptance specification.
The following information will be on the inner box label:
Assembly site
Sales type
Quantity
Trace code
Marking
Bulk ID number
9.3
Packing
At customer level, it is recommended to mount the VL53L4CD in a clean environment to avoid foreign material
deposition.
To help avoid any foreign material contamination at product assembly level the modules is shipped in a tape and
reel format. The tape is described in Figure 24. Tape outline drawing.
The packaging is vacuum sealed and includes a desiccant.
VL53L4CD
Packaging and labeling
DS13812 - Rev 5
page 27/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37