전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD2402P4-3 데이터시트(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 SD2402P4-3
상세설명  1-Line High Power TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD2402P4-3 데이터시트(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD2402P4-3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD2402P4-3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD2402P4-3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SD2402P4-3 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Performance Characteristics (TA=25°C unless otherwise Specified)
SD2402P4-3
10
20
30
40
0
20
40
60
80
100
100% IPP;8μs
50% IPP;20μs
e
-t
t (μs)
IPP (%)
Fig. 1. 8/20 μs pulse waveform according to
IEC 61000-4-5 and IEC 61643-321
0
10%
I@60ns
100%
IPP (%)
tr=0.6ns to 1ns
t
I@30ns
Fig. 2. ESD pulse waveform according to
IEC 61000-4-2
25
50
75
100
0
20
40
60
80
100
120
Ambient Temperature – TA (
)
125 150
Fig. 3. Power Derating Curve
6
12
18
24
600
800
VR (V)
Cj (pF)
f=1MHz;Tamb=25
0
1000
400
200
Fig. 4. Junction Capacitance vs VR
Rev :
www.leiditech.com
01.06.2018
3/4



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com