전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

71M6511-DB 데이터시트(PDF) 10 Page - Teridian Semiconductor Corporation

부품명 71M6511-DB
상세설명  Demo Board User’s Manual
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TERIDIAN [Teridian Semiconductor Corporation]
홈페이지  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6511-DB 데이터시트(HTML) 10 Page - Teridian Semiconductor Corporation

Back Button 71M6511-DB Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6511-DB Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6511-DB Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6511-DB Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6511-DB Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6511-DB Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6511-DB Datasheet HTML 12Page - Teridian Semiconductor Corporation 71M6511-DB Datasheet HTML 13Page - Teridian Semiconductor Corporation 71M6511-DB Datasheet HTML 14Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
71M6511/71M6511H Demo Board User’s Manual
Page: 10 of 115
© 2005-2007 TERIDIAN Semiconductor Corporation
Revision 5.4
1.3
DEMO KIT CONTENTS
71M6511 Demo board containing 71M6511 or 71M6511H IC with preloaded Demo Program
(4-layer, round, Demo Board or 2-layer, rectangular Demo Board with capacitive or transformer
power supply)
Debug Board
Two 5VDC/1,000mA universal wall transformers w/ 2.5mm plug (Switchcraft 712A)
Serial cable, DB9, Male/Female, 2m length (Digi-Key AE1020-ND)
CD-ROM containing documentation (data sheet, board schematics, BOM, layout), Demo Code, and
utilities
1.4
DEMO BOARD VERSIONS
Three versions of the Demo Board are available, as shown in Figure 1-1:
4-layer Demo Board with round PCB, for demonstration of 4-layer designs (identification number
D6511T4B2).
2-layer Demo Board with rectangular PCB, with capacitive power supply, for demonstration of
economical 2-layer designs (identification number D6511T4A7).
2-layer Demo Board with rectangular PCB, with transformer power supply, for demonstration of
economical 2-layer designs (identification number D6511BT4A4).
Figure 1-1: Demo Board Versions. 4-layer (left), 2-layer (right)
1.5
COMPATIBILITY
This manual applies to the following hardware and software revisions:
71M6511 or 71M6511H chip revision B03
Demo Kit firmware revision 3.04 and 3.05, or later
4-layer Demo Board revision D6511T4B
2-layer Demo Board D6511BT4A4 or D6511T4A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com