전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH4655 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 SFH4655
상세설명  Engwinklige LED in MIDLED-Gehause
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4655 데이터시트(HTML) 5 Page - OSRAM GmbH

  SFH4655 Datasheet HTML 1Page - OSRAM GmbH SFH4655 Datasheet HTML 2Page - OSRAM GmbH SFH4655 Datasheet HTML 3Page - OSRAM GmbH SFH4655 Datasheet HTML 4Page - OSRAM GmbH SFH4655 Datasheet HTML 5Page - OSRAM GmbH SFH4655 Datasheet HTML 6Page - OSRAM GmbH SFH4655 Datasheet HTML 7Page - OSRAM GmbH SFH4655 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vorl
äufige Daten / Preliminary Data
SFH 4650, SFH 4655
2005-03-085
Relative Spectral Emission
I
rel = f ( )
Max. Permissible Forward Current
IF = f (TA); RthJA = 450 K/W
1)
Radiation Characteristics I
rel = f ( )
700
0
nm
%
OHL01714
20
40
60
80
100
950
750
800
850
Irel
40
20
0
0
100
80
60
T
IF
mA
OHF02533
A
10
20
30
40
50
60
70
80
90
110
OHF02432
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
Radiant Intensity
Single pulse,
t
p = 20
s
Permissible Pulse Handling
Capability I
F = f (tp), TA = 25
C
duty cycle D = parameter
I
e
I
e 100 mA
=
f (I
F)
OHL01715
10
-3
mA
10
1
0
10
5
5
10
-1
-2
5
10
e
e (100 mA)
I
I
I
F
0
10
1
10
2
10
3
10
55
0.05
2
1
0
-1
-2
-3
-4
-5
10
10
10
10
10
tp
10
10
s
10
0
0.1
0.005
0.02
0.01
D =
T
t
A
IF
D =
I
P
T
F
P
t
OHF02532
0.2
0.5
1
0.2
0.4
0.6
0.8
1.0
1.2
Forward Current
I
F = f (VF)
Single pulse,
t
p = 20
s
1) mounted on PC board FR 4
(pad size
16 mm
2)
OHL01713
F
I
10
-4
0.5
1
1.52
2.5 V3
10
0
A
0
F
V
-1
10
5
5
10
-2
-3
5
10



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com