전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STL38DN6F7AG 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STL38DN6F7AG
상세설명  Automotive-grade N-channel 60 V, 24 m typ., 10 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL38DN6F7AG 데이터시트(HTML) 3 Page - STMicroelectronics

  STL38DN6F7AG Datasheet HTML 1Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 2Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 3Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 4Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 5Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 6Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 7Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 8Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 3. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 μA, VGS = 0 V
60
V
IDSS
Zero gate voltage
drain current
VGS = 0 V, VDS = 60 V
1
µA
VGS = 0 V, VDS = 60 V,
TC= 125 °C (1)
100
µA
IGSS
Gate-body leakage
current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS , ID = 250 μA
2
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID= 5 A
24
27
mΩ
1. Defined by design, not subject to production test.
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0 V
-
380
-
pF
Coss
Output capacitance
-
320
-
pF
Crss
Reverse transfer capacitance
-
7.9
-
pF
Qg
Total gate charge
VDD = 30 V, ID = 10 A,
VGS = 0 to 10 V
(see Figure 13. Test circuit for
gate charge behavior)
-
7.9
-
nC
Qgs
Gate-source charge
-
2.9
-
nC
Qgd
Gate-drain charge
-
2.4
-
nC
Table 5. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 30 V, ID = 5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 12. Test circuit for
resistive load switching times
and Figure 17. Switching time
waveform)
-
12
-
ns
tr
Rise time
-
9
-
ns
td(off)
Turn-off delay time
-
16
-
ns
tf
Fall time
-
5
-
ns
Table 6. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD (1)
Forward on voltage
ISD = 10 A, VGS = 0 V
-
1.3
V
STL38DN6F7AG
Electrical characteristics
DS12506 - Rev 1
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com