| 전자부품 데이터시트 검색엔진 |
|
23738136 데이터시트(PDF) 24 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
23738136 데이터시트(HTML) 24 Page - Toshiba Semiconductor |
|
24 / 70 page ![]() – 24 – Location Parts No. Description No. Location Parts No. Description No. R932 76366332 CARBON FILM 1/6W 3.3K OHM J R934 76366391 CARBON FILM 1/6W 390 OHM J R935 76366102 CARBON FILM 1/6W 1K OHM J R937 76366331 CARBON FILM 1/6W 330 OHM J R939 76366100 CARBON FILM 1/6W 10 OHM J R942 76366392 CARBON FILM 1/6W 3.9K OHM J R943 76366392 CARBON FILM 1/6W 3.9K OHM J R944 76366392 CARBON FILM 1/6W 3.9K OHM J R945 76366150 CARBON FILM 1/6W 15 OHM J R946 76366150 CARBON FILM 1/6W 15 OHM J R952 76366622 CARBON FILM 1/6W 6.2K OHM J R953 76366622 CARBON FILM 1/6W 6.2K OHM J R954 76366622 CARBON FILM 1/6W 6.2K OHM J R960 76383153 OXIDE METAL FILM 2W 15K OHM J R961 76383153 OXIDE METAL FILM 2W 15K OHM J R962 76383153 OXIDE METAL FILM 2W 15K OHM J R963 76383153 OXIDE METAL FILM 2W 15K OHM J R964 76383153 OXIDE METAL FILM 2W 15K OHM J R965 76383153 OXIDE METAL FILM 2W 15K OHM J R977 76366561 CARBON FILM 1/6W 560 OHM J R978 76383153 OXIDE METAL FILM 2W 15K OHM J R979 76383153 OXIDE METAL FILM 2W 15K OHM J R980 76366471 CARBON FILM 1/6W 470 OHM J R981 76366471 CARBON FILM 1/6W 470 OHM J R992 76366150 CARBON FILM 1/6W 15 OHM J R993 76383153 OXIDE METAL FILM 2W 15K OHM J R994 76383153 OXIDE METAL FILM 2W 15K OHM J R995 76383153 OXIDE METAL FILM 2W 15K OHM J R996 76383153 OXIDE METAL FILM 2W 15K OHM J RA01 76366101 CARBON FILM 1/6W 100 OHM J RA02 76011101 CHIP 1/20W 100 OHM J RA03 76011102 CHIP 1/20W 1K OHM J RA04 76366101 CARBON FILM 1/6W 100 OHM J RA05 76366101 CARBON FILM 1/6W 100 OHM J RA07 76011101 CHIP 1/20W 100 OHM J RA08 76011472 CHIP 1/20W 4.7K OHM J RA09 76011472 CHIP 1/20W 4.7K OHM J RA13 76011273 CHIP 1/20W 27K OHM J RA14 76011102 CHIP 1/20W 1K OHM J RA17 76011101 CHIP 1/20W 100 OHM J RA18 76011102 CHIP 1/20W 1K OHM J RA21 76011511 CHIP 1/20W 510 OHM J RA22 76011682 CHIP 1/20W 6.8K OHM J RA23 76011682 CHIP 1/20W 6.8K OHM J RA24 76011682 CHIP 1/20W 6.8K OHM J RA25 76011221 CHIP 1/20W 220 OHM J RA26 76366102 CARBON FILM 1/6W 1K OHM J RA27 76366102 CARBON FILM 1/6W 1K OHM J RA30 76011101 CHIP 1/20W 100 OHM J RA31 76011101 CHIP 1/20W 100 OHM J RA33 76011561 CHIP 1/20W 560 OHM J RA34 76011101 CHIP 1/20W 100 OHM J RA35 76011101 CHIP 1/20W 100 OHM J RA37 76011101 CHIP 1/20W 100 OHM J RA38 76011101 CHIP 1/20W 100 OHM J RA39 76011101 CHIP 1/20W 100 OHM J RA40 76011472 CHIP 1/20W 4.7K OHM J RA41 76011472 CHIP 1/20W 4.7K OHM J RA43 76366103 CARBON FILM 1/6W 10K OHM J RA46 76366470 CARBON FILM 1/6W 47 OHM J RA47 76011472 CHIP 1/20W 4.7K OHM J RA48 76011472 CHIP 1/20W 4.7K OHM J RA49 76011563 CHIP 1/20W 56K OHM J RA51 76011122 CHIP 1/20W 1.2K OHM J RA52 76011122 CHIP 1/20W 1.2K OHM J RA53 76011122 CHIP 1/20W 1.2K OHM J RA54 76366472 CARBON FILM 1/6W 4.7K OHM J RA55 76366472 CARBON FILM 1/6W 4.7K OHM J RA56 76011472 CHIP 1/20W 4.7K OHM J RA57 76011472 CHIP 1/20W 4.7K OHM J RA58 76011102 CHIP 1/20W 1K OHM J RA65 76366471 CARBON FILM 1/6W 470 OHM J RA66 76011222 CHIP 1/20W 2.2K OHM J RA67 76011101 CHIP 1/20W 100 OHM J RA68 76011564 CHIP 1/20W 560K OHM J RA69 76011333 CHIP 1/20W 33K OHM J RA70 76011123 CHIP 1/20W 12K OHM J RA71 76011392 CHIP 1/20W 3.9K OHM J RA72 76011392 CHIP 1/20W 3.9K OHM J RA73 76011223 CHIP 1/20W 22K OHM J RA75 76366561 CARBON FILM 1/6W 560 OHM J RA76 76366561 CARBON FILM 1/6W 560 OHM J RA77 76011102 CHIP 1/20W 1K OHM J RA78 76011101 CHIP 1/20W 100 OHM J RA79 76011101 CHIP 1/20W 100 OHM J RA82 76366223 CARBON FILM 1/6W 22K OHM J RA83 76366103 CARBON FILM 1/6W 10K OHM J RA85 76366223 CARBON FILM 1/6W 22K OHM J RA87 76011563 CHIP 1/20W 56K OHM J RA90 76011102 CHIP 1/20W 1K OHM J RA91 76011392 CHIP 1/20W 3.9K OHM J RA92 76011102 CHIP 1/20W 1K OHM J RA93 76011102 CHIP 1/20W 1K OHM J RA94 76011101 CHIP 1/20W 100 OHM J RA95 76011102 CHIP 1/20W 1K OHM J RA98 76366472 CARBON FILM 1/6W 4.7K OHM J RB01 76366271 CARBON FILM 1/6W 270 OHM J RB02 76366221 CARBON FILM 1/6W 220 OHM J RB03 76366103 CARBON FILM 1/6W 10K OHM J RB04 76366102 CARBON FILM 1/6W 1K OHM J RB06 76366102 CARBON FILM 1/6W 1K OHM J RB09 76366470 CARBON FILM 1/6W 47 OHM J RB27 76366103 CARBON FILM 1/6W 10K OHM J RB28 76366104 CARBON FILM 1/6W 100K OHM J RB30 76011682 CHIP 1/20W 6.8K OHM J RC12 76011102 CHIP 1/20W 1K OHM J RC13 76011102 CHIP 1/20W 1K OHM J RC14 76011102 CHIP 1/20W 1K OHM J RC15 76011102 CHIP 1/20W 1K OHM J RC16 76011102 CHIP 1/20W 1K OHM J RC17 76011102 CHIP 1/20W 1K OHM J RD01 76011101 CHIP 1/20W 100 OHM J RD02 76011472 CHIP 1/20W 4.7K OHM J RD04 76011102 CHIP 1/20W 1K OHM J RD05 76011102 CHIP 1/20W 1K OHM J RD07 76000445 CHIP JUMPER 1608TYPE RD08 76000445 CHIP JUMPER 1608TYPE RD09 76011101 CHIP 1/20W 100 OHM J RD10 76011101 CHIP 1/20W 100 OHM J RD15 76011101 CHIP 1/20W 100 OHM J RD16 76011101 CHIP 1/20W 100 OHM J RD23 76011101 CHIP 1/20W 100 OHM J RD24 76011101 CHIP 1/20W 100 OHM J RD25 76011563 CHIP 1/20W 56K OHM J RD26 76011823 CHIP 1/20W 82K OHM J RD27 76011563 CHIP 1/20W 56K OHM J RD28 76011823 CHIP 1/20W 82K OHM J RD29 76000445 CHIP JUMPER 1608TYPE RI84 76011472 CHIP 1/20W 4.7K OHM J RI85 76011472 CHIP 1/20W 4.7K OHM J RJ02 76000445 CHIP JUMPER 1608TYPE RJ08 76000576 CHIP JUMPER 3216TYPE RJ09 76000576 CHIP JUMPER 3216TYPE RJ10 76000576 CHIP JUMPER 3216TYPE RJ12 76000576 CHIP JUMPER 3216TYPE RJ13 76000445 CHIP JUMPER 1608TYPE RJ19 76000445 CHIP JUMPER 1608TYPE RJ20 76000445 CHIP JUMPER 1608TYPE RJ21 76000445 CHIP JUMPER 1608TYPE RJ22 76000445 CHIP JUMPER 1608TYPE RJ23 76000445 CHIP JUMPER 1608TYPE RP01 76011750 CHIP 1/20W 75 OHM J RP02 76011750 CHIP 1/20W 75 OHM J RP03 76011750 CHIP 1/20W 75 OHM J RP04 76011681 CHIP 1/20W 680 OHM J RP05 76011750 CHIP 1/20W 75 OHM J RP08 76011331 CHIP 1/20W 330 OHM J RP10 76000445 CHIP JUMPER 1608TYPE RP12 76000445 CHIP JUMPER 1608TYPE RP13 76011225 CHIP 1/20W 2.2M OHM K RP15 76011331 CHIP 1/20W 330 OHM J RP16 76011331 CHIP 1/20W 330 OHM J RP18 76011101 CHIP 1/20W 100 OHM J RP19 76011101 CHIP 1/20W 100 OHM J RP20 76011472 CHIP 1/20W 4.7K OHM J RP21 76011101 CHIP 1/20W 100 OHM J |