전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

POPA2186DDFT 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 POPA2186DDFT
상세설명  OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

POPA2186DDFT 데이터시트(HTML) 13 Page - Texas Instruments

Back Button POPA2186DDFT Datasheet HTML 9Page - Texas Instruments POPA2186DDFT Datasheet HTML 10Page - Texas Instruments POPA2186DDFT Datasheet HTML 11Page - Texas Instruments POPA2186DDFT Datasheet HTML 12Page - Texas Instruments POPA2186DDFT Datasheet HTML 13Page - Texas Instruments POPA2186DDFT Datasheet HTML 14Page - Texas Instruments POPA2186DDFT Datasheet HTML 15Page - Texas Instruments POPA2186DDFT Datasheet HTML 16Page - Texas Instruments POPA2186DDFT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±12 V, VCM = VS / 2, RL = 10 kΩ (unless otherwise noted)
Time (10 Ps/div)
VIN
VOUT
Gain = –1, 10-mV step
Figure 6-31. Small-Signal Step Response
Time (10 Ps/div)
VIN (V)
VOUT (V)
Gain = 1, 10-V step
Figure 6-32. Large-Signal Step Response
Time (10 Ps/div)
VIN (V)
VOUT (V)
Gain = –1, 10-V step
Figure 6-33. Large-Signal Step Response
CLOAD (pF)
10
100
1000
15
20
25
30
35
40
45
50
55
60
65
Figure 6-34. Phase Margin vs Capacitive Load
Time (5 Ps/div)
Falling
Rising
1-V step, 0.1% settling
Figure 6-35. Settling Time
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
20
21
22
23
24
25
26
27
28
29
30
31
32
Sinking
Sourcing
Figure 6-36. Short Circuit Current vs Temperature
www.ti.com
OPA2186
SBOS968A – JUNE 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA2186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com