전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STU3N65M6 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STU3N65M6
상세설명  N-channel 650 V, 1.4 typ., 3.5 A MDmesh™ M6 Power MOSFET in an IPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU3N65M6 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STU3N65M6 Datasheet HTML 7Page - STMicroelectronics STU3N65M6 Datasheet HTML 8Page - STMicroelectronics STU3N65M6 Datasheet HTML 9Page - STMicroelectronics STU3N65M6 Datasheet HTML 10Page - STMicroelectronics STU3N65M6 Datasheet HTML 11Page - STMicroelectronics STU3N65M6 Datasheet HTML 12Page - STMicroelectronics STU3N65M6 Datasheet HTML 13Page - STMicroelectronics STU3N65M6 Datasheet HTML 14Page - STMicroelectronics STU3N65M6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics (curves) ................................................. 5
3
Test circuits .......................................................................7
4
Package information...............................................................8
4.1
IPAK (TO-251) type A package information ......................................... 9
4.2
IPAK (TO-251) type C package information........................................ 11
Revision history .......................................................................13
STU3N65M6
Contents
DS11590 - Rev 2
page 14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com