전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

23000381 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 23000381
상세설명  COLOR TELEVISION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23000381 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button 23000381 Datasheet HTML 3Page - Toshiba Semiconductor 23000381 Datasheet HTML 4Page - Toshiba Semiconductor 23000381 Datasheet HTML 5Page - Toshiba Semiconductor 23000381 Datasheet HTML 6Page - Toshiba Semiconductor 23000381 Datasheet HTML 7Page - Toshiba Semiconductor 23000381 Datasheet HTML 8Page - Toshiba Semiconductor 23000381 Datasheet HTML 9Page - Toshiba Semiconductor 23000381 Datasheet HTML 10Page - Toshiba Semiconductor 23000381 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
– 7 –
(5)Adjust the sub-4-pole magnets only in case there is any deviation of Xv bow-shaped convergence. (To be usually set at
the initial position)
Align both sides with the sub-4-pole magnets and minimize the deviation of blue and red with the main 4-pole magnets.
blue
blue
red
red
Main 4-pole magnet
red/blue
red/blue
green
green
6-pole magnet
Xv bow-shaped deviation of convergence
blue
red
Sub-4-pole magnet
s CIRCUMFERENCE CONVERGENCE:
* Perform correction in the following manner.
A
D
E
F
A
B
C
B
C
S
N
D
E
F
A
B
C
D
E
F
N
S
VR3
YV YHC
GH
GH
VR2 VR1
blue
green
red
• Adjust coils and minimize deviation
(The 27” unit has coils underneath it)
blue
green
red
(Parts code:23 948 274) TC-S
Blue color or blue mark
*Insert the correction piece between the
picture tube and the deflection yoke.
(Insertion position of correction
piece)
Bonded surface
blue
green
red
(Parts code:23 948 464)
Transparent
Bonded surface
Adjust VR 1 and minimize the deviation of YH. *Only 27", 30" and 32".
Red
green
blue
Red
green
blue
Red
green
blue
Red
green
blue
Adjust VR 2 (YHC) and minimize the deviation of YH.
Red
green
blue
Red
green
blue
Red
green
blue
Red
green
blue
Adjust VR 3 (YV) and minimize the deviation of YV.
Red
blue
green
Red
blue
green
Red
blue
green
Red
blue
green
s 30", 27", 32"
s 34"
27" (Part No. 23 947 371)
32", 30" (Part No. 23 947 121)
34" (Part No. 23 993 080)
Perform correction by inserting the
correction piece into the clear-
ance of terminal board coils of
the deflection yoke.
Note:
Perform insertion by turning the
metal side to the terminal board
side of the deflection yoke.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com