전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STFU9N65M2 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STFU9N65M2
상세설명  N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU9N65M2 데이터시트(HTML) 4 Page - STMicroelectronics

  STFU9N65M2 Datasheet HTML 1Page - STMicroelectronics STFU9N65M2 Datasheet HTML 2Page - STMicroelectronics STFU9N65M2 Datasheet HTML 3Page - STMicroelectronics STFU9N65M2 Datasheet HTML 4Page - STMicroelectronics STFU9N65M2 Datasheet HTML 5Page - STMicroelectronics STFU9N65M2 Datasheet HTML 6Page - STMicroelectronics STFU9N65M2 Datasheet HTML 7Page - STMicroelectronics STFU9N65M2 Datasheet HTML 8Page - STMicroelectronics STFU9N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Table 7. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
5
A
ISDM (1)
Source-drain current (pulsed)
-
20
A
VSD (2)
Forward on voltage
ISD = 5 A, VGS = 0 V
-
1.6
V
trr
Reverse recovery time
ISD = 5 A, VDD = 60 V
di/dt = 100 A/µs
(see Figure 15. Test circuit for inductive
load switching and diode recovery times)
-
276
ns
Qrr
Reverse recovery charge
-
1.7
µC
IRRM
Reverse recovery current
-
12.5
A
trr
Reverse recovery time
ISD = 5 A, VDD = 60 V
di/dt = 100 A/µs,
TJ = 150 °C
(see Figure 15. Test circuit for inductive
load switching and diode recovery times)
-
312
ns
Qrr
Reverse recovery charge
-
1.9
µC
IRRM
Reverse recovery current
-
12.4
A
1. Pulse width limited by safe operating area.
2. Pulsed: pulse duration = 300 µs, duty cycle 1.5 %.
STFU9N65M2
Electrical characteristics
DS11781 - Rev 3
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com