| 전자부품 데이터시트 검색엔진 |
|
76232103 데이터시트(PDF) 23 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 데이터시트(HTML) 23 Page - Toshiba Semiconductor |
|
23 / 45 page ![]() Location Parts No. Description No. Location Parts No. Description No. – 23 – 76011220 CHIP, 1/20W 22 OHM J @UC01 RC09 76011101 CHIP, 1/20W 100 OHM J @U104 76011270 CHIP, 1/20W 27 OHM J @UC01 RC10 76011101 CHIP, 1/20W 100 OHM J @U104 76011270 CHIP, 1/20W 27 OHM J @UC01 RC11 76011101 CHIP, 1/20W 100 OHM J @U104 76011334 CHIP, 1/20W 330K OHM J @UC01 RC12 76011101 CHIP, 1/20W 100 OHM J @U104 76011103 CHIP, 1/20W 10K OHM J @UC01 RC13 76011101 CHIP, 1/20W 100 OHM J @U104 76000824 CHIP JUMPER, 2125TYPE @UC01 RC14 76011101 CHIP, 1/20W 100 OHM J @U104 76000824 CHIP JUMPER, 2125TYPE @UC01 RC15 76000824 CHIP JUMPER, 2125TYPE RC16 76011103 CHIP, 1/20W 10K OHM J RC17 76000824 CHIP JUMPER, 2125TYPE RC18 76000824 CHIP JUMPER, 2125TYPE RC19 76000824 CHIP JUMPER, 2125TYPE RC20 76000824 CHIP JUMPER, 2125TYPE RC21 76011103 CHIP, 1/20W 10K OHM J RC22 76011103 CHIP, 1/20W 10K OHM J RC23 76011103 CHIP, 1/20W 10K OHM J RC24 76011103 CHIP, 1/20W 10K OHM J RC25 76011103 CHIP, 1/20W 10K OHM J RC26 76011103 CHIP, 1/20W 10K OHM J RC27 76011103 CHIP, 1/20W 10K OHM J RC28 76011103 CHIP, 1/20W 10K OHM J RC32 76011331 CHIP, 1/20W 330 OHM J RC33 76011103 CHIP, 1/20W 10K OHM J RC34 76011331 CHIP, 1/20W 330 OHM J RC35 76011103 CHIP, 1/20W 10K OHM J RC36 76011331 CHIP, 1/20W 330 OHM J RC37 76011103 CHIP, 1/20W 10K OHM J RC38 76011331 CHIP, 1/20W 330 OHM J RC39 76011103 CHIP, 1/20W 10K OHM J RC40 76011102 CHIP, 1/20W 1K OHM J RC41 76011105 CHIP, 1/20W 1M OHM J RC49 76011103 CHIP, 1/20W 10K OHM J RC50 76011123 CHIP, 1/20W 12K OHM J RC51 76011103 CHIP, 1/20W 10K OHM J RC52 76011103 CHIP, 1/20W 10K OHM J RC53 76011103 CHIP, 1/20W 10K OHM J RC54 76011220 CHIP, 1/20W 22 OHM J RC55 76011103 CHIP, 1/20W 10K OHM J RC61 76011564 CHIP, 1/20W 560K OHM J RC62 76011103 CHIP, 1/20W 10K OHM J RE08 76554683 OXIDE RES 2W 68K J RE14 76011472 CHIP, 1/20W 4.7K OHM J RE15 76011102 CHIP, 1/20W 1K OHM J RE16 76382221 OXIDE METAL FILM, 1W 220 OHM J RE17 76011103 CHIP, 1/20W 10K OHM J RE19 76011183 CHIP, 1/20W 18K OHM J RE20 76011333 CHIP, 1/20W 33K OHM J RE21 76011103 CHIP, 1/20W 10K OHM J RE22 76011103 CHIP, 1/20W 10K OHM J RE23 76011473 CHIP, 1/20W 47K OHM J RE24 76011103 CHIP, 1/20W 10K OHM J RE25 76011333 CHIP, 1/20W 33K OHM J RE26 76011103 CHIP, 1/20W 10K OHM J RE27 76011103 CHIP, 1/20W 10K OHM J RE28 76011473 CHIP, 1/20W 47K OHM J RE29 76011103 CHIP, 1/20W 10K OHM J RE30 76998102 CHIP, 1/16W 1K OHM RE31 76998152 CHIP, 1/16W 1.5K OHM D RE32 76998181 CHIP, 1/16W 180 OHM RE33 76011102 CHIP, 1/20W 1K OHM J RE34 76011473 CHIP, 1/20W 47K OHM J RE35 76011103 CHIP, 1/20W 10K OHM J RE36 76011103 CHIP, 1/20W 10K OHM J RE37 76011333 CHIP, 1/20W 33K OHM J RE38 76998102 CHIP, 1/16W 1K OHM RE39 76998152 CHIP, 1/16W 1.5K OHM D RE40 76998273 CHIP, 1/16W 27K OHM RE41 76998823 CHIP, 1/16W 82K OHM RE42 76011103 CHIP, 1/20W 10K OHM J RE43 76011223 CHIP, 1/20W 22K OHM J RE44 76011103 CHIP, 1/20W 10K OHM J RE45 76011223 CHIP, 1/20W 22K OHM J RE47 76998333 CHIP, 1/16W 33K OHM RE48 76998104 CHIP, 1/16W 100K OHM D RE49 76998102 CHIP, 1/16W 1K OHM RE50 76998181 CHIP, 1/16W 180 OHM RE51 76011102 CHIP, 1/20W 1K OHM J RE52 76011333 CHIP, 1/20W 33K OHM J RE53 76011103 CHIP, 1/20W 10K OHM J RE54 76011103 CHIP, 1/20W 10K OHM J RE55 76011333 CHIP, 1/20W 33K OHM J RE56 76998153 CHIP, 1/16W 15K OHM RE57 76998823 CHIP, 1/16W 82K OHM RE58 76998123 CHIP, 1/16W 12K OHM RE59 76011332 CHIP, 1/20W 3.3K OHM J RE61 76382473 OXIDE METAL FILM, 1W 47K OHM J RE62 76322688 OXIDE METAL FILM, 1W 0.68 OHM J RE63 76322688 OXIDE METAL FILM, 1W 0.68 OHM J RE64 76381221 OXIDE METAL FILM, 1/2W 220 OHM J RE65 76366102 CARBON FILM, 1/6W 1K OHM J RE66 76366102 CARBON FILM, 1/6W 1K OHM J RE71 76310829 OXIDE METAL FILM, 1/2W 8.2 OHM J RE72 76552222 OXIDE METAL FILM, 1/2W 2.2K OHM J RE73 76366102 CARBON FILM, 1/6W 1K OHM J RE81 76998821 CHIP, 1/16W 820 OHM RE82 76998103 CHIP, 1/16W 10K OHM RE83 76998682 CHIP, 1/16W 6.8K OHM D RE84 76011471 CHIP, 1/20W 470 OHM J RE85 76011222 CHIP, 1/20W 2.2K OHM J RE86 76011102 CHIP, 1/20W 1K OHM J RE89 76011223 CHIP, 1/20W 22K OHM J RE90 76011103 CHIP, 1/20W 10K OHM J RE91 76011333 CHIP, 1/20W 33K OHM J RE92 76011104 CHIP, 1/20W 100K OHM J RE93 76011223 CHIP, 1/20W 22K OHM J RE94 76011103 CHIP, 1/20W 10K OHM J RE95 76382222 OXIDE METAL FILM, 1W 2.2K OHM J RE96 76011102 CHIP, 1/20W 1K OHM J RE97 76382101 OXIDE METAL FILM, 1W 100 OHM J RE98 76011103 CHIP, 1/20W 10K OHM J RE99 76011472 CHIP, 1/20W 4.7K OHM J RF07 76011122 CHIP, 1/20W 1.2K OHM J RF08 76011153 CHIP, 1/2OW 15K OHM J RF09 76011103 CHIP, 1/20W 10K OHM J RF10 76998153 CHIP, 1/16W 15K OHM RF11 76998104 CHIP, 1/16W 100K OHM D RF12 76998473 CHIP, 1/16W 47K OHM RF13 76011152 CHIP, 1/20W 1.5K OHM J RF14 76011474 CHIP, 1/20W 470K OHM J RF15 76011682 CHIP, 1/20W 6.8K OHM J RF18 76998103 CHIP, 1/16W 10K OHM RF19 76998682 CHIP, 1/16W 6.8K OHM D RF20 76998822 CHIP, 1/16W 8.2K OHM RF21 76998683 CHIP, 1/16W 68K OHM D RF22 76998473 CHIP, 1/16W 47K OHM RF23 76011474 CHIP, 1/20W 470K OHM J RF24 76998103 CHIP, 1/16W 10K OHM RF25 76998153 CHIP, 1/16W 15K OHM RF26 76011682 CHIP, 1/20W 6.8K OHM J RF27 76011332 CHIP, 1/20W 3.3K OHM J RF29 76011332 CHIP, 1/20W 3.3K OHM J RF30 76998272 CHIP, 1/16W 2.7K OHM RF31 76998221 CHIP, 1/16W 220 OHM RF32 76998182 CHIP, 1/16W 1.8K OHM RF33 76011220 CHIP, 1/20W 22 OHM J RF34 76011220 CHIP, 1/20W 22 OHM J RF35 76011684 CHIP, 1/20W 680K OHM J RF90 76382330 OXIDE METAL FILM, 1W 33 OHM J RS01 76011562 CHIP, 1/20W 5.6K OHM J RS02 76011562 CHIP, 1/20W 5.6K OHM J RS03 76011562 CHIP, 1/20W 5.6K OHM J RS04 76011562 CHIP, 1/20W 5.6K OHM J RS05 76011562 CHIP, 1/20W 5.6K OHM J RS06 76011562 CHIP, 1/20W 5.6K OHM J RS07 76011562 CHIP, 1/20W 5.6K OHM J RS08 76011562 CHIP, 1/20W 5.6K OHM J |