| 전자부품 데이터시트 검색엔진 |
|
PTH65201 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PTH65201 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() Input Range Input Current Inrush Current Input Protection Input Specifications: Efficiency Hold-up Time Leakage Current V1 = 3% | V2 & V3 = 10% max ±2% Set-Point Accuracy ± 1% pk-pk max (20MHz) Ripple / Noise Output Specifications: Regulation See Output Table Minimum Load Fixed at Factory Adjustment Range +/- 5% Deviation / < 1msec recovery Transient Response Continuous Short Circuit Protection 125-150%, automatic recovery Over Load Protection 0 ~50°C (De-Rate 2.5%/1°C Rise To +70°C) Operating Temp -20 ~ +85°C Storage Temp 5 to 95% RH Non-Condensing Environmental Specifications: Humidity 3 Axes 1 Oct/min, 5 min at 4 Res. 0.75G Pk, 5-500Hz Vibration >100k hours MTBF (Full Load and 25°C Operation) Reliability 20G Peak Acceleration Shock 0.05% per degrees celsius Temp Co-Efficient Radiated Susceptibility EN61000-4-2, ±4KV Contact / ±8KV Air Discharge Electrostatic Discharge EN61000-4-3, 26-1000MHz, 10V/M, 80% AM EN61000-4-4, ± 2KV EFT / Bursts Electromagnetic Compatibility: EN61000-4-5, ±2KV Line-Earth, ±1KV Line-Line Surges EN61000-4-6, 0.15 - 800MHz, 10V, 80% AM Conducted Immunity EN61000-4-11, 95% Dip & 10ms, 30% Dip & 500ms Voltage Dips EN61000-4-11, 95% Reduction, 5s Voltage Interruptions FCC 68 part 15 Class B Radiated Emissions FCC 68 part 15 Class B Conducted Emissions EN61000-3-2 Class D Harmonic Current EN61000-3-3 Fluctuations & Flicker * Small 5.00 x 3.00 x 1.34" Open Frame Package * Convection Cooled Operation * Universal AC Input (47-63 Hz) * 100,000 hours MTBF (25°C Full Load Operation) * Class B Emissions * Optional -40C Operating Temperature * International Safety Approvals & CE Mark * 3 Year Warranty Emissions Standards Universal VAC (90-264 VAC) & 120-370 VDC 1700mA @ 90 VAC / 750mA @ 200 VAC Maximum 25A @ 115VAC / 50A @ 230VAC max (cold start) Single Fused (4 Amp / 250 V) 65% Typical (depending on output model) Half Cycle Minimum @ 120 VAC and 80% load <750μA maximum @ 264 VAC Harmonics EN61000-3-2 Class D Features: Input Frequency 47-63 Hz or DC 65 Watts Single, Dual & Triple Output Switching Power Supply PTH65 Series Within Class B Limits FCC Part 15J, Part 2 Within Class B Limits International Safety Approvals UL1950 (2nd Edition), File # E158470 CSA 22.2 No. 950 TUV EN60950 CE Mark (LVD) Standards Input Reflected Ripple FCC 68 part 15 Class B EN55022 / CISPR22 Convection Cooled Operation Cooling PowDec Technologies (USA) Inc. 7013 Realm Drive, Suite E San Jose, CA 95119 U.S.A. Tel: (408) 362-9388 E-mail: tedkang@powdec.com http://www.powdec.com PowDec Technologies (Taiwan) Inc. No. 9, Alley 9, Lane 392, Fu Teh 1st Road Hsi Chih, Taipei Hsien, Taiwan, 22150 Tel:(02)2694-2760 Fax:(02)2694-2753 E-mail:powdec@ms3.hinet.net http://www.powdec.com.tw Technologies, Inc. 120-150%, latched shutdown Over Voltage Protection |
유사한 부품 번호 - PTH65201 |
|
유사한 설명 - PTH65201 |