| 전자부품 데이터시트 검색엔진 |
|
AC162083 데이터시트(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162083 데이터시트(HTML) 18 Page - Microchip Technology |
|
18 / 78 page ![]() Required Debug Headers DS51292T-page 18 2006-2012 Microchip Technology Inc. AC162061 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation For the PIC16F690 20-pin header, you will need to set the S1 switches (Figure 6) to enable peripherals and choose devices (Table 2). FIGURE 6: S1 SWITCH HARDWARE Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC162061 PIC16F690-ICD 02-01835 TABLE 2: S1 SWITCH DEVICE SELECTION Device Switches 1 ECCP 2 SSP 3 USART 4 4k PFM 5 ADC PIC16F631 00 0 0 * 0 PIC16F677 01 00 ** 1 PIC16F685 10 0 1 1 PIC16F687 01 10 ** 1 PIC16F689 01 1 1 1 PIC16F690 11 1 1 1 Legend: 1 = Enabled 0 = Disabled * = 1k PFM ** = 2k PFM Switch configuration at left shows all peripherals disabled, which is the setting to select the PIC16F631 device. ON DIP 12 3 4 5 S1 S1 12 3 4 5 6 7 8 9 10 |