전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2902Q4T 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 LM2902Q4T
상세설명  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902Q4T 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button LM2902Q4T Datasheet HTML 12Page - STMicroelectronics LM2902Q4T Datasheet HTML 13Page - STMicroelectronics LM2902Q4T Datasheet HTML 14Page - STMicroelectronics LM2902Q4T Datasheet HTML 15Page - STMicroelectronics LM2902Q4T Datasheet HTML 16Page - STMicroelectronics LM2902Q4T Datasheet HTML 17Page - STMicroelectronics LM2902Q4T Datasheet HTML 18Page - STMicroelectronics LM2902Q4T Datasheet HTML 19Page - STMicroelectronics LM2902Q4T Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Table 7. QFN16 3x3 wettable flank mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0,90
0,95
1,00
0,035
0,037
0,039
A1
0,00
0,05
0,000
0,002
A2
0,75
0,030
A3
0,20
0,008
b
0,20
0,25
0,30
0,008
0,010
0,012
D
3,00
0,118
E
3,00
0,118
e
0,50
0,020
D2
1,56
1,66
1,76
0,061
0,065
0,069
E2
1,56
1,66
1,76
0,061
0,065
0,069
K
0,27
0,011
L
0,30
0,40
0,50
0,012
0,016
0,020
Figure 33. QFN16 3x3 wettable flank recommended footprint
LM2902
QFN16 3x3 wettable flank package information
DS0506 - Rev 9
page 17/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20