| 전자부품 데이터시트 검색엔진 |
|
PIC16F1847 데이터시트(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1847 데이터시트(HTML) 31 Page - Microchip Technology |
|
31 / 78 page ![]() 2006-2012 Microchip Technology Inc. DS51292T-page 31 Optional Debug Headers INTRODUCTION Devices that have built-in debug circuitry do not require a header to use debug tools. However, some pins and memory must be used to support the debug function. Special ICE/ICD versions offering additional pins, memory and emulator functions can be used to provide superior emulating/debugging capabilities. Currently available debug headers and their associated ICE/ICD devices are shown below by supported device. TABLE 1: OPTIONAL DEBUG HEADERS BY DEVICE Device Pin Count Header Part Number ICE/ICD Device Used VDD Max PIC16F722 PIC16F723 PIC16F724 PIC16F726 PIC16F727 28 28 40/44 28 40/44 AC244026 PIC16F727-ICE 5.5V PIC16LF722 PIC16LF723 PIC16LF724 PIC16LF726 PIC16LF727 28 28 40/44 28 40/44 AC244027 PIC16LF727-ICE 3.6V PIC16F1826 PIC16F1827 PIC16F1847 18/20/ 28 AC244046 PIC16F1847-ICE 3.6V PIC12F1822 PIC12F1840 PIC16F1823 PIC16F1824 PIC16F1825 PIC16F1829 8/14/ 20 AC244043 PIC16F1829-ICE 5.5V PIC16LF1826 PIC16LF1827 PIC16LF1847 18/20/ 28 AC244047 PIC16LF1847-ICE 3.6V PIC12F1822 PIC12F1840 PIC16F1823 PIC16F1824 PIC16F1825 PIC16F1829 8/14/ 20 AC244044 PIC16LF1829-ICE 3.6V PIC16F1933 PIC16F1934 PIC16F1936 PIC16F1937 PIC16F1938 PIC16F1939 28 40/44 28 40/44 28 40/44 AC244035 PIC16F1939-ICE 5.5V |