| 전자부품 데이터시트 검색엔진 |
|
AC244044 데이터시트(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC244044 데이터시트(HTML) 28 Page - Microchip Technology |
|
28 / 78 page ![]() Required Debug Headers DS51292T-page 28 2006-2012 Microchip Technology Inc. AC244045 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting dif- ferent ICE/ICD devices. To identify this debug header, use the following information. Because the ICE chip is based on the PIC10F320 device, the ICE device memory will be greater that the actual chip for the PIC10F322 device. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC244045 PIC10F320-ICE 02-02255 |