전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F08KA102 데이터시트(PDF) 28 Page - Microchip Technology

부품명 PIC24F08KA102
상세설명  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KA102 데이터시트(HTML) 28 Page - Microchip Technology

Back Button PIC24F08KA102 Datasheet HTML 24Page - Microchip Technology PIC24F08KA102 Datasheet HTML 25Page - Microchip Technology PIC24F08KA102 Datasheet HTML 26Page - Microchip Technology PIC24F08KA102 Datasheet HTML 27Page - Microchip Technology PIC24F08KA102 Datasheet HTML 28Page - Microchip Technology PIC24F08KA102 Datasheet HTML 29Page - Microchip Technology PIC24F08KA102 Datasheet HTML 30Page - Microchip Technology PIC24F08KA102 Datasheet HTML 31Page - Microchip Technology PIC24F08KA102 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
Required Debug Headers
DS51292T-page 28
 2006-2012 Microchip Technology Inc.
AC244045
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting dif-
ferent ICE/ICD devices. To identify this debug header, use the following information.
Because the ICE chip is based on the PIC10F320 device, the ICE device memory will
be greater that the actual chip for the PIC10F322 device.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC244045
PIC10F320-ICE
02-02255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78