| 전자부품 데이터시트 검색엔진 |
|
AC162088 데이터시트(PDF) 59 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162088 데이터시트(HTML) 59 Page - Microchip Technology |
|
59 / 78 page ![]() Optional Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 59 AC244046, AC244047 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting dif- ferent ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation For this header, there are no jumpers/switches. MPLAB IDE will use its selected device to choose the correct device to emulate. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC244046 PIC16F1847-ICE 02-02258 AC244047 PIC16LF1847-ICE |