| 전자부품 데이터시트 검색엔진 |
|
AC244002 데이터시트(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC244002 데이터시트(HTML) 32 Page - Microchip Technology |
|
32 / 78 page ![]() Optional Debug Headers DS51292T-page 32 2006-2012 Microchip Technology Inc. PIC16LF1933 PIC16LF1934 PIC16LF1936 PIC16LF1937 PIC16LF1938 PIC16LF1939 28 40/44 28 40/44 28 40/44 AC244036 PIC16LF1939-ICE 3.6V 2.75V(2) PIC18F1230/1330 28 AC162078 PIC18F1330-ICD 5.5V PIC18F13K22 PIC18F14K22 20 AC244033 PIC18F14K22-ICE 5.5V PIC18LF13K22 PIC18LF14K22 20 AC244034 PIC18LF14K22-ICE 3.6V 2.75V(1) PIC18F24J10 PIC18F25J10 28 AC162067 PIC18F45J10-ICE 3.6V PIC18LF24J10 PIC18LF25J10 3.6V 2.75V(1) PIC18F44J10 PIC18F45J10 40 3.6V PIC18LF44J10 PIC18LF45J10 3.6V 2.75V(1) PIC18F44J10 PIC18F45J10 44 AC162074 PIC18F45J10-ICE 3.6V PIC18LF44J10 PIC18LF45J10 3.6V 2.75V(1) PIC18F63J11 PIC18F63J90 PIC18F64J11 PIC18F64J16 PIC18F64J90 PIC18F64J95 PIC18F65J11 PIC18F65J90 64 AC162079 PIC18F85J90-ICE 3.6V PIC18F83J11 PIC18F83J90 PIC18F84J11 PIC18F84J16 PIC18F84J90 PIC18F84J95 PIC18F85J11 PIC18F85J90 80 PIC18F65J10 PIC18F65J15 PIC18F66J10 PIC18F66J15 PIC18F67J10 64 AC162062 PIC18F87J10-ICE 3.6V PIC18F85J10 PIC18F85J15 PIC18F86J10 PIC18F86J15 PIC18F87J10 80 TABLE 1: OPTIONAL DEBUG HEADERS BY DEVICE (CON’T) Device Pin Count Header Part Number ICE/ICD Device Used VDD Max |