전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDI-09S-13L-RZGXX 데이터시트(PDF) 15 Page - PowerDynamics, Inc

부품명 PDI-09S-13L-RZGXX
상세설명  D-SUB CONNECTORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERDYNAMICS [PowerDynamics, Inc]
홈페이지  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDI-09S-13L-RZGXX 데이터시트(HTML) 15 Page - PowerDynamics, Inc

Back Button PDI-09S-13L-RZGXX Datasheet HTML 11Page - PowerDynamics, Inc PDI-09S-13L-RZGXX Datasheet HTML 12Page - PowerDynamics, Inc PDI-09S-13L-RZGXX Datasheet HTML 13Page - PowerDynamics, Inc PDI-09S-13L-RZGXX Datasheet HTML 14Page - PowerDynamics, Inc PDI-09S-13L-RZGXX Datasheet HTML 15Page - PowerDynamics, Inc PDI-09S-13L-RZGXX Datasheet HTML 16Page - PowerDynamics, Inc PDI-09S-13L-RZGXX Datasheet HTML 17Page - PowerDynamics, Inc PDI-09S-13L-RZGXX Datasheet HTML 18Page - PowerDynamics, Inc PDI-09S-13L-RZGXX Datasheet HTML 19Page - PowerDynamics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
187
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: sales@powerdynamics.com •
www.powerdynamics.com
7
7
Board Mount Options, Straight
TERMINATION TYPE
P.C. PINS
SOLDER CUP
EXTENDED
P.C. PINS
HOLE
5.8mm RIVET
ATTACHED
IN BACK
2.5mm HEX RIVET
5.8mm RIVET
ATTACHED
IN FRONT
11.9mm
BOARD LOCK
5.8mm
BOARD LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com