전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S8FS-G05012CD 데이터시트(PDF) 28 Page - Omron Electronics LLC

부품명 S8FS-G05012CD
상세설명  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G05012CD 데이터시트(HTML) 28 Page - Omron Electronics LLC

Back Button S8FS-G05012CD Datasheet HTML 24Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 25Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 26Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 27Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 28Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 29Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 30Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 31Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
S8FS-G
28
DIN Rail (Order Separately)
(Unit: mm)
Mounting Rail (Material: Aluminum)
PFP-100N
PFP-50N
Mounting Rail (Material: Aluminum)
PFP-100N2
End Plate
PFP-M
Note: If there is a possibility that the Unit will be subject to vibration or shock, use a steel DIN Rail. Otherwise, metallic filings may result from
aluminum abrasion.
4.5
15
25
25
10
10
1,000 (500)
*
25
25
15(5)
*
35
±0.3
7.3
±0.15
27
±0.15
1
* Values in parentheses are for the PFP-50N.
4.5
15
25
25
10
10
1,000
25
25
15
1
1.5
29.2
24
27
35
±0.3
16
1.3
4.8
35.5 35.5
1.8
1.8
10
6.2
1
50
11.5
10
M4 spring washer
M4
×8 pan-
head screw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34