| 전자부품 데이터시트 검색엔진 |
|
PDI-26RH-5-RZGXX 데이터시트(PDF) 28 Page - PowerDynamics, Inc |
|
|
|||||||||||||||||||||||||||||
PDI-26RH-5-RZGXX 데이터시트(HTML) 28 Page - PowerDynamics, Inc |
|
28 / 42 page ![]() 200 145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076 e-mail: sales@powerdynamics.com • www.powerdynamics.com 7 7 F - S J 15 9 - - PD NUMBER OF PINS: = 09 = 15 = 25 = 37 RIGHT ANGLE, P.C.B., FILTERED EXAMPLE & ORDERING CODE MATERIAL AND FINISH: Shell: Material: Steel Plating: Tin Thickness: Base Copper: 40 µ" Tin: 80~120 µ" Contacts: Material: Brass (male) Phosphor Bronze (female) Plating: Gold Plate or Tin/Lead over Nickel Thickness: Gold Flash 40 µ" Nickel base 80~100 µ" Tin/Lead Insulator: P.B.T. and glass-fiber reinforced UL 94V-0 Mechanical: Mating Force: 9 PIN 15 PIN 25 PIN 37 PIN minimum: 1.5 kg 2.0 kg 3.0 kg 3.0 kg maximum: 5.0 kg 7.0 kg 8.0 kg 12.0 kg Unmating Force: 9 PIN 15 PIN 25 PIN 37 PIN minimum: 1.5 kg 2.0 kg 3.5 kg 3.5 kg maximum: 5.0 kg 7.0 kg 8.0 kg 12.0 kg ELECTRICAL SPECIFICATIONS: Rated Current: 3A Rated Voltage: 300 VDC Insulator Resistance: 3000 Megaohm min. @ 500 VDC Contact Resistance: 15 milliohm max. Dielectric Withstanding Strength: 1000 VAC for 1 minute Temperature: -55 °C to 105°C SPECIFICATIONS GENDER: MALE = S FEMALE = R FOOT PRINT LENGTH: 7.2mm = BLANK 9.4mm = 9 13.84mm = 13 MATING FACE: = BLANK = J = K = P = R 4-40 THREADED RIVET JACK SCREW 4-40 THREAD RIVETED HEX STANDOFF 4-40 THREADED RIVET AND JACK SCREW (UNASSEMBLED) 4-40 THREADED RIVET AND JACK SCREW = BLANK = H = T = Z BOARD LOCK HOLE THREADED HOLE NO GROUNDING STRAP P.C.B. FACE: GOLD PLATING: (XX is gold in micro inches) = GXX GOLD FLASH (STANDARD) = BLANK JACK SCREW |