| 전자부품 데이터시트 검색엔진 |
|
PDI-DBB-PVGXX 데이터시트(PDF) 25 Page - PowerDynamics, Inc |
|
|
|||||||||||||||||||||||||||||
PDI-DBB-PVGXX 데이터시트(HTML) 25 Page - PowerDynamics, Inc |
|
25 / 42 page ![]() 197 145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076 e-mail: sales@powerdynamics.com • www.powerdynamics.com 7 7 A R0.72 SEC A-A B Specifications subject to change without notice. Dimensions in mm. Crimp Pins PDR-RB (shown) PDR-SB (shown) See pages 193-195 for Crimp Shells See pages 193-195 for Crimp Shells 7.62 B 1.8 A 4.7 15.0 A B Ø 1.0 Ø 2.1 C D SEC B-B A B C D WIRE AWG 2.8 2.7 2.3 2.1 20-22 AWG 2.1 1.9 1.8 1.36 24-26 AWG 1.0 0.65 0.4 8.3 1.0 0.65 0.4 7.62 B 1.8 A 4.7 14.3 A B 1.5 Ø 2.1 A B R0.74 SEC A-A C D SEC B-B A B C D WIRE AWG 2.8 2.7 2.3 2.1 20-22 AWG 2.1 1.9 1.8 1.36 24-26 AWG |