| 전자부품 데이터시트 검색엔진 |
|
FMGA-461Z/ES 데이터시트(PDF) 6 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FMGA-461Z/ES 데이터시트(HTML) 6 Page - Interpoint Corporation Company |
|
6 / 6 page ![]() C2-10 TEST (125°C Products) STANDARD /ES /883 (Class H)* PRE-CAP INSPECTION Method 2017, 2032 yes yes yes TEMPERATURE CYCLE (10 times) Method 1010, Cond. C, -65°C to 150°C no no yes Method 1010, Cond. B, -55°C to 125°C no yes no CONSTANT ACCELERATION Method 2001, 3000 g no no yes Method 2001, 500 g no yes no BURN-IN Method 1015, 160 hours at 125°C no no yes 96 hours at 125°C case (typical) no yes no FINAL ELECTRICAL TEST MIL-PRF-38534, Group A Subgroups 1 through 6: -55°C, +25°C, +125°C no no yes Subgroups 1 and 4: +25°C case yes yes no HERMETICITY TESTING Fine Leak, Method 1014, Cond. A no yes yes Gross Leak, Method 1014, Cond. C no yes yes Gross Leak, Dip (1 x 10-3) yes no no FINAL VISUAL INSPECTION Method 2009 yes yes yes Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534. *883 products are built with element evaluated components and are 100% tested and guaranteed over the full military temperature range of –55°C to +125°C. MOR Series MFLHP Series MFL Series MHP Series MTR Series MQO Series** MHD Series MHV Series MHF+ Series MHF Series** MGA Series MSA Series MGH Series MCH Series FM-704A EMI Filter FMD**/FME EMI Filter FMC EMI Filter FMH EMI Filter FMGA EMI Filter FMSA EMI Filter HUM Modules** LCM Modules** LIM Modules QA SCREENING 125°C PRODUCTS 125°C PRODUCTS Applies to the following products **MFLHP Series, MQO Series, MHF Series, FMD EMI Filters, Hum Modules, and LCM Modules do not offer ‘883” screening. |