전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMD28-461SL 데이터시트(PDF) 10 Page - Interpoint Corporation Company

부품명 FMD28-461SL
상세설명  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERPOINT [Interpoint Corporation Company]
홈페이지  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461SL 데이터시트(HTML) 10 Page - Interpoint Corporation Company

Back Button FMD28-461SL Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 8Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 9Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 10Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 11Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 12Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 13Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
B8-40
CASE W
CASES
1
2
3
4
5
6
12
11
10
9
8
7
0.040 dia
(1.02)
0.250 (6.35) Typ.
0.125
(3.18)
0.375
(9.53)
0.575
(14.61)
0.775
(19.69)
0.975
(24.77)
1.175
(29.85
1.375
(34.93)
1.625
(41.28)
0.140 dia
(3.56)
0.000
0.250 (6.35)
Typ.
1.750 (44.45)
2.000
(50.80)
PIN-SIDE VIEW CASE W*
(Tabbed case, up-leaded)
MOR Series and FME EMI Filters: Screening – Standard, ES, or 883
Also available in U2, V, Y, and Z cases (Figures 56, 57, 59 and 60)
0.000
0.220 (5.59)
0.400 (10.16) max.
0.84
±0.05
(21.3
±1.3)
0.150 (3.81)
Lead Detail
2.80 (71.1) Reference
(lead center to lead center)
*Requires case option designator added to model number: MOR2805SW
See Section A5, Ordering Information.
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
FIGURE 58: CASE W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16