| 전자부품 데이터시트 검색엔진 |
|
FME28-461/883 데이터시트(PDF) 11 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
FME28-461/883 데이터시트(HTML) 11 Page - Interpoint Corporation Company |
|
11 / 16 page ![]() B8-41 CASE Y CASES Bathtub Seam Seal 0.250 (6.35) Typ. 0.125 (3.18) 0.375 (9.53) 0.575 (14.61) 0.775 (19.69) 0.975 (24.77) 1.175 (29.85 1.375 (34.93) 1.625 (41.28) 0.140 dia (3.56) 0.000 0.250 (6.35) Typ. 1.750 (44.45) 2.000 (50.80) PIN-SIDE VIEW CASE Y* (Tabbed case, straight leads) MOR Series and FME EMI Filters: Screening – Standard, ES, or 883 Also available in U2, V, W, and Z casee (Figures 56, 57, 58 and 60) 0.000 0.220 (5.59) 0.400 (10.16) max. 0.30 ±0.05 (7.6 ±1.3) Lead Detail 3.10 (78.7) Reference *Requires case option designator added to model number: MOR2805SY See Section A5, Ordering Information. 0.040 dia (1.02) 1 2 3 4 5 6 12 11 10 9 8 7 Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel Pins #52 alloy/Gold compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. FIGURE 59: CASE Y |