| 전자부품 데이터시트 검색엔진 |
|
MHF2812SF/883 데이터시트(PDF) 14 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MHF2812SF/883 데이터시트(HTML) 14 Page - Interpoint Corporation Company |
|
14 / 21 page ![]() RECOMMENDED OPERATING CONDITIONS TYPICAL CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS Input Voltage • 16 to 48 VDC Power Dissipation (Pd) • 12 watts Output Power • 15 watts Lead Soldering Temperature (10 sec per pin) • 300°C Storage Temperature Range (Case) • –65°C to +150°C 2 MHF+ SERIES TRIPLE 15 WATT DC/DC CONVERTERS Output Voltage Temperature Coefficient • 150 ppm/°C typical Current Limit • 130% typical Isolation • 100 megohm minimum at 500 V Conversion Frequency • Free run 375 minimum, 500 kHz maximum • External sync range 400 to 600 kHz Inhibit Pin Voltage (unit enabled) • 10 V typical Input Voltage Range • 16 to 48 VDC continuous • 80 V for up to 120 msec Case Operating Temperature (Tc) • –55°C to +125°C full power • –55°C to +135°C absolute Derating Output Power/Current • Linearly from 100% at 125°C to 0% at 135°C SYNC AND INHIBIT Sync 400 to 600 kHz • Duty cycle 40% to 60% • Logic low 0.8 V max • Logic high 4.5 V min, 10.0 V max • If not used, leave unconnected • Referenced to input common Inhibit: TTL Open Collector • Logic low (output disabled) Logic low voltage ≤0.8 V max Inhibit pin current 3.0 typ, 5.0 max • Referenced to input common Logic high (output enabled) Open collector Unconnected or 11 to 40 V PWM CM CONTROLLER 0 ° 180 ° PWM CM CONTROLLER INPUT COMMON FEEDBACK ISOLATOR FEEDBACK ISOLATOR OUTPUT COMMON + AUX. OUTPUT –AUX. OUTPUT POSITIVE INPUT SYNC +5 OUTPUT FIGURE 1: BLOCK DIAGRAM |