| 전자부품 데이터시트 검색엔진 |
|
S32K310 데이터시트(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K310 데이터시트(HTML) 33 Page - NXP Semiconductors |
|
33 / 137 page ![]() Table 10. Supply Monitoring Symbol Description Min Typ Max Unit Condition Spec Number LVD_V15 Low Voltage Detect (LVD) on V15, deassert threshold (in FPM) 1.34 1.38 1.42 V — — HVD_V15 High Voltage Detect (HVD) on V15, assert threshold (in FPM) — 2.5 — V — — LVR_VDD_HV_A LVR on VDD_HV_A, assert threshold (in FPM) 2.77 2.85 2.93 V — — LVR_VDD_HV_A LVR on VDD_HV_A, assert threshold (in RPM) 2.77 2.85 2.93 V — — — VDD_HV_A LVR monitor hysteresis — 18.75 — mV — — HVD_VDD_HV_A HVD on VDD_HV_A, assert threshold (in FPM) 5.787 5.887 5.987 V — — — VDD_HV_A HVD monitor hysteresis — 37.5 — mV — — LVR_VDD_HV_B LVR on VDD_HV_B, assert threshold (in FPM) 2.77 2.85 2.93 V — — LVR_VDD_HV_B LVR on VDD_HV_B, assert threshold (in RPM) 2.77 2.85 2.93 V — — — VDD_HV_B LVR monitor hysteresis — 18.75 — mV — — HVD_VDD_HV_B HVD on VDD_HV_B, assert threshold (in FPM) 5.787 5.887 5.987 V — — — VDD_HV_B HVD monitor hysteresis — 37.5 — mV — — LVD_VDD_HV_A Low Voltage Detect (LVD5A) on VDD_HV_A, assert threshold (in FPM) 4.33 4.41 4.49 V — — — VDD_HV_A LVD monitor hysteresis — 37.5 — mV — — Table continues on the next page... NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 5.2, 10/2022 Data Sheet: Technical Data Preliminary Information 33 / 137 |