| 전자부품 데이터시트 검색엔진 |
|
MHF2812DF/883 데이터시트(PDF) 10 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MHF2812DF/883 데이터시트(HTML) 10 Page - Interpoint Corporation Company |
|
10 / 21 page ![]() 10 DC/DC CONVERTERS MHF+ SERIES SINGLE AND DUAL 15 WATT Materials Header Cold Rolled Steel/Nickel/Gold Cover MHF+ Series and FMH Filter Kovar/Nickel SMHF Cold Rolled Steel/Nickel Pins #52 alloy (all cases) compression glass seal Case dimensions in inches (mm) Tolerance ±0.005 (0.13) for three decimal places ±0.01 (0.2) for two decimal places unless otherwise specified CASE G BOTTOM VIEW Flanged package See Figure 24 for pin configuration 2.005 max (50.93) 1.130 max (28.70) Squared corner and dot on top of case indicate pin one. CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300 °C for 10 seconds per pin. Flange Thickness: 0.047 (1.19) FIGURE 23: CASE G MAXIMUM DIMENSIONS |