| 전자부품 데이터시트 검색엔진 |
|
MTW2812S/ES 데이터시트(PDF) 2 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MTW2812S/ES 데이터시트(HTML) 2 Page - Interpoint Corporation Company |
|
2 / 7 page ![]() TYPICAL CHARACTERISTICS RECOMMENDED OPERATING CONDITIONS ABSOLUTE MAXIMUM RATINGS INHIBIT Input Voltage • 18 to 40 VDC (19 to 40 VDC MTW2805S) Output Power • 30 watts Lead Soldering Temperature (10 sec per lead) • 300°C Storage Temperature Range (Case) • –55°C to +125°C B4-10 MTW SERIES 30 WATT DC/DC CONVERTERS Output Voltage Temperature Coefficient • 100 ppm/°C, typical Input to Output Capacitance • 80 pF typical single output models • 70 pF typical MTW2812D • 60 pF typical MTW2815D Current Limit • 125% of full load typical Isolation • 100 megohm minimum at 500 V Conversion Frequency • 240 to 300 kHz Inhibit Pin Voltage (unit enabled) • 11 to 15 V single output models • 8 to 12 V MTW2812D • 10 to 14 V MTW2815D Input Voltage Range • 18 to 40 VDC continuous (19 to 40 MTW2805S) • 50 V for 50 msec transient Case Operating Temperature (Tc) • –55°C to +85°C full power • –55°C to +115°C absolute Derating Output Power/Current • Linearly from 100% at 85°C to 0% at 115° C Inhibit TTL Open Collector • Logic low (output disabled) Inhibit pin current 1 mA typical • Referenced to input common • Logic high (output enabled) Open collector Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified. MTW2805S MTW2812S MTW2815S PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS OUTPUT VOLTAGE 4.95 5.0 5.05 11.88 12.0 12.12 14.85 15.0 15.15 VDC OUTPUT CURRENT — — 6.0 — — 2.5 — — 2.0 A OUTPUT POWER –55°C TO +85°C — — 30.0 — — 30.0 — — 30.0 W OUTPUT RIPPLE BW ≤ 2 MHz — 30 50 — 30 65 — 30 65 mV p-p LINE REGULATION1 MIN. TO MAX. VIN — 7 20 — 10 25 — 10 25 mV LOAD REGULATION1 NO LOAD TO FULL — 5 20 — 10 20 — 10 20 mV INPUT VOLTAGE NO LOAD TO FULL 19 28 40 18 28 40 18 28 40 VDC –55°C TO +85°C TRANSIENT 50 ms — — 50 — — 50 — — 50 INPUT CURRENT NO LOAD — 15 20 — 20 35 — 20 35 FULL LOAD — — 1370 — — 1400 — — 1400 mA INHIBITED — — 15 — — 22 — — 22 INPUT RIPPLE CURRENT BW ≤ 2 MHz — 5 10 — 10 20 — 10 20 mA p-p EFFICIENCY 80 82 — 82 84 — 84 86 — % START-UP DELAY2 —15 — — 30 — — 40 — ms OVERSHOOT — 300 — — 400 — — 400 — mV Notes 1. For MTW2805S, with the remote sense pins connected to the load and no resistance between the output pins and load. 2. A low output impedance power source is required on the input to realize this start-up time. If less than full surge current is available, start-up time will be longer CAUTION Permanent damage to the MTW2805S will result if pin 6 is shorted to ground. Damage may also result if pin 4 or pin 5 is disconnected from the load during operation with the remote sense leads connected to the load. If remote sense pins are not connected to the load, the output voltage of the MTW2805S will rise to approximately 6.2 VDC measured across pins 4 and 5. |