| 전자부품 데이터시트 검색엔진 |
|
SMFL2815S/KR 데이터시트(PDF) 8 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMFL2815S/KR 데이터시트(HTML) 8 Page - Interpoint Corporation Company |
|
8 / 10 page ![]() 8 SMFL SERIES 65 WATT DC/DC CONVERTERS Definitions Element Evaluation: Component testing/screening per MIL-STD-883 as determined by MIL-PRF-38534 SEM: Scanning Electron Microscopy SLAM™: Scanning Laser Acoustic Microscopy C-SAM: C - Mode Scanning Acoustic Microscopy Notes M/S Active components (Microcircuit and Semiconductor Die) P Passive components TABLE 1: ELEMENT EVALUATION ELEMENT EVALUATION SPACE PROTOTYPE CLASS CLASS TEST PERFORMED (O) H K (COMPONENT LEVEL) M/S P M/S P M/S P Element Electrical yes no yes yes yes yes Element Visual no no yes yes yes yes Internal Visual no no yes no yes no Temperature Cycling no no no no yes yes Constant Acceleration no no no no yes yes Interim Electrical no no no no yes no Burn-in no no no no yes no Post Burn-in Electrical no no no no yes no Steady State Life no no no no yes no Voltage Conditioning /Aging no no no no no yes Visual Inspection no no no no no yes Final Electrical no no yes yes yes yes Wire Bond Evaluation no no yes yes yes yes SEM no no no no yes no SLAM™/C-SAM: Input capacitors only no no no yes no yes (Add’l test, not req. by H or K) |