| 전자부품 데이터시트 검색엔진 |
|
SMSA2805S/KR 데이터시트(PDF) 2 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
SMSA2805S/KR 데이터시트(HTML) 2 Page - Interpoint Corporation Company |
|
2 / 12 page ![]() RECOMMENDED OPERATING CONDITIONS TYPICAL CHARACTERISTICS INHIBIT ABSOLUTE MAXIMUM RATINGS Input Voltage • 16 to 40 V Output Power • 5 watts Lead Soldering Temperature (10 sec per lead) • 300°C Storage Temperature Range (Case) • –65°C to +135°C 46 SMSA SERIES 5 WATT DC/DC CONVERTERS Output Voltage Temperature Coefficient • 100 ppm/°C typical Input to Output Capacitance • 50 pF typical Isolation • 100 megohm minimum at 500 V Audio Rejection • 50 dB typical Conversion Frequency • 550 kHz typical 450 kHz min, 600 kHz max Inhibit Pin Voltage (unit enabled) • 9 to 11 V Input Voltage Range • 16 to 40 VDC continuous • 50 V for up to 50 msec transient Case Operating Temperature (Tc) • –55°C to +125°C full power • –55°C to +135°C absolute Derating Output Power/Current (Tc) • Linearly from 100% at 125°C to 0% at 135°C ® Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, radiation level O, unless otherwise specified. Inhibit TTL Open Collector • Logic low (output disabled) Logic low voltage ≤0.8 V max Inhibit pin current 4 mA max • Referenced to input common • Logic high (output enabled) Open collector Notes 1. Indefinite short circuit protection not guaranteed above 125°C (case). 2. Recovery time is measured from application of the transient to point at which VOUT is within 1% of VOUT at final value. 3. Guaranteed but not tested. SINGLE OUTPUT MODELS SMSA283R3S SMSA2805S SMSA2812S SMSA2815S PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS OUTPUT VOLTAGE Tc = –55°C TO +125°C 3.25 3.30 3.35 4.95 5.00 5.05 11.88 12.00 12.12 14.85 15.00 15.15 VDC OUTPUT CURRENT Tc = –55°C TO +125°C VIN = 16 TO 40 VDC 0 — 1200 0 — 1000 0 — 417 0 — 333 mA OUTPUT POWER VIN = 16 TO 40 VDC Tc = –55°C TO +125°C — — 4 — — 5 — — 5 — — 5 W OUTPUT RIPPLE VOLTAGE 10 kHz - 2 MHz — 300 600 — 150 450 — 125 500 — 150 600 mV p-p LINE REGULATION VIN = 16 TO 40 VDC Tc = –55°C TO +125°C — 10 50 — 10 50 — 10 50 — 10 50 mV LOAD REGULATION NO LOAD TO FULL Tc = –55°C TO +125°C — 10 50 — 10 50 — 10 50 — 10 50 mV INPUT VOLTAGE Tc = –55°C TO +125°C NO LOAD TO FULL CONTINUOUS 16 28 40 16 28 40 16 28 40 16 28 40 VDC TRANSIENT3 50 ms 0 — 50 0 — 50 0 — 50 0 — 50 V INPUT CURRENT NO LOAD — 35 60 — 35 60 — 35 60 — 35 60 FULL LOAD — 250 — — 250 — — 235 — — 235 — mA INHIBITED — 3 5 — 3 5 — 3 5 — 3 5 INPUT RIPPLE 10 kHz - 10 MHz — 50 200 — 50 200 — 50 200 — 50 200 mA p-p CURRENT Tc = –55°C TO +125°C — 60 300 — 60 300 — 60 300 — 60 300 EFFICIENCY 60 — — 68 74 — 69 74 — % LOAD FAULT1, 2 POWER DISSIPATION — 1.5 2.4 — 1.5 2.0 — 1.2 1.9 — 1.2 1.8 W SHORT CIRCUIT RECOVERY — 12.5 25 — 12.5 25 — 1 10 — 1 10 ms STEP LOAD 50% - 100% - 50% RESPONSE TRANSIENT — 200 500 — 200 500 — 300 750 — 400 1000 mV pk RECOVERY 2, 3 — 200 500 — 200 500 — 400 1000 — 400 1000 µs STEP LINE TRANSIENT RESPONSE2, 3 16 TO 40 VIN — 200 500 — 200 500 — 200 800 — 200 500 mV pk 40 TO 16 VIN — 200 500 — 200 500 — 250 600 — 200 500 RECOVERY 16 TO 40 VIN — 400 1000 — 400 1000 — 700 1300 — 500 1300 µs 40 TO 16 VIN — 400 1000 — 400 1000 — 700 1300 — 500 1300 START-UP DELAY — 10 75 — 10 75 — 10 75 — 10 75 ms OVERSHOOT3 — 0 200 — 0 200 — 0 500 — 0 500 mV pk |