| 전자부품 데이터시트 검색엔진 |
|
DGD0506FN-7 데이터시트(PDF) 13 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DGD0506FN-7 데이터시트(HTML) 13 Page - Diodes Incorporated |
|
13 / 14 page ![]() DGD0506 Document number: DS38740 Rev. 8 - 3 13 of 14 www.diodes.com June 2021 © Diodes Incorporated DGD0506 Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. V-DFN3030-10 (Standard) aaa B 2X- B A bbb C A B C 0.05 C ccc C E D D2 E2 e b L e1 h h A A3 A1 Seating Plane z k 10X V-DFN3030-10 (Standard) Dim Min Max Typ A 0.70 0.85 0.80 A1 0.00 0.05 0.02 A3 -- -- 0.203 b 0.18 0.30 0.25 D 2.90 3.10 3.00 D2 2.40 2.60 2.50 e 0.50BSC e1 2.00BSC E 2.90 3.10 3.00 E2 1.45 1.65 1.55 h 0.20 0.30 0.25 k -- -- 0.325 L 0.30 0.50 0.40 z -- -- 0.325 aaa 0.250 bbb 0.100 ccc 0.050 All Dimensions in mm Suggested Pad Layout Please see http://www.diodes.com/package-outlines.html for the latest version. V-DFN3030-10 (Standard) Dimensions Value (in mm) C 0.500 X 0.300 X1 2.300 X2 2.600 Y 0.600 Y1 3.300 Y2 1.650 X Y1 Y C X1 X2 Y2 |