전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LT8686SJVPBF 데이터시트(PDF) 10 Page - Analog Devices

부품명 LT8686SJVPBF
상세설명  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

LT8686SJVPBF 데이터시트(HTML) 10 Page - Analog Devices

Back Button LT8686SJVPBF Datasheet HTML 6Page - Analog Devices LT8686SJVPBF Datasheet HTML 7Page - Analog Devices LT8686SJVPBF Datasheet HTML 8Page - Analog Devices LT8686SJVPBF Datasheet HTML 9Page - Analog Devices LT8686SJVPBF Datasheet HTML 10Page - Analog Devices LT8686SJVPBF Datasheet HTML 11Page - Analog Devices LT8686SJVPBF Datasheet HTML 12Page - Analog Devices LT8686SJVPBF Datasheet HTML 13Page - Analog Devices LT8686SJVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT8686S
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
SW1, SW2, SW3, SW4 (Pins 1, 32, 25, 24): Channel
Switch Pins. These pins are the outputs of each corre-
sponding channel’s internal power switches. When chan-
nels are operating independently, connect each SW pin to
the corresponding channel’s inductor and boost capacitor.
When combining channels, tie the combined channel’s
SW pins together with a low impedance connection. SW
traces on the PCB should be kept short for best efficiency
and EMI performance.
BST1, BST2, BST3, BST4 (Pins 2, 31, 26, 23): Channel
Boost Pins. These pins provide a drive voltage, higher
than the supply voltage, to the gate of each channel’s top
power switch.
PG1, PG2, PG3, PG4 (Pins 3, 30, 27, 22): Open-Drain
Power Good Output Pins. Each channel’s PG pin is pulled
to ground when the voltage at the corresponding FB pin
is not within ±7.5% of the internal 0.8V reference. PG
becomes high impedance once the voltage at the cor-
responding FB pin returns to within ±6% of the internal
reference. PG outputs for enabled channels are valid for
VIN1 voltages greater than 3V. PG outputs are pulled low
for channels which are not enabled. When channels are
combined, the dependent (slave) channel’s PG pin should
be open.
TRK/SS1, TRK/SS2, TRK/SS3, TRK/SS4 (Pins 4, 11,
14, 21): Output Tracking and Soft-Start Pins. These pins
allows user control of output voltage ramp rate during
start-up. A TRK/SSx voltage below 0.8V forces the chan-
nel to regulate the FBx pin to equal the TRK/SSx voltage.
When TRK/SSx is above 0.8V, the tracking function is
disabled and the internal reference resumes control of
the error amplifier. An internal 2μA pull-up current from
INTVCC on this pin allows a capacitor to program out-
put voltage slew rate. When channels are combined, the
dependent (slave) channel’s TRK/SS pin should be open.
EN/UVLO (Pin 5): Channel 1 Enable and Undervoltage
Lockout Pin. The LT8686S is in low power shutdown
when this pin is below 0.4V regardless of the state of the
remaining LT8686S enable pins. A voltage above 0.9V
(rising) enables LT8686 operation and channel 1. A pre-
cision threshold at 0.8V (falling) allows this pin to be used
as an input undervoltage lockout by connecting a resistor
divider between VIN1 and ground.
FB1 (Pin 6): Channel 1 Output Voltage Feedback Pin.
Channel 1 regulates this pin to a precision, internal,
0.8V reference voltage. Connect this pin to the appro-
priate resistor divider network to program the desired
output voltage.
EN2, EN3, EN4 (Pins 7, 18, 20): Channel Enable Pins.
Each LT8686S channel is active when the voltage on its
corresponding enable pin is above 0.9V (rising). A preci-
sion threshold at 0.81 (falling) allows each enable pin to
act as a programmable undervoltage lockout by connect-
ing a resistor divider between the corresponding input
supply and ground. When channels are combined, the
dependent (slave) channel’s EN pin should be connected
to the enable pin of the controlling (master) channel.
FB2 (Pin 8): Channel 2 Output Voltage Feedback Pin.
Channel 2 regulates this pin to a precision, internal, 0.8V
reference voltage. Connect this pin to the appropriate
resistor divider network to program the desired output
voltage. When this pin is tied to INTVCC, channel 2 is com-
bined with channel 1 to create a single output channel with
increased output current capability. See the Applications
Information section for more detail.
VIN1 (Pin 9): Channel 1 and Internal INTVCC Regulator
Power Supply Input. This pin should be closely decou-
pled to ground with a low ESR capacitor of value 2.2μF
or greater.
VIN2 (Pin 10): Channel 2 Power Supply Input. This
pin should be closely decoupled to ground with a low
ESR capacitor of value 2.2μF or greater. This pin must
be shorted to VIN1 when channel 2 is combined with
channel 1.
SYNC/MODE (Pin 12): Mode Selection and External
Synchronization Input Pin. This pin places all active
LT8686S channels into high efficiency Burst Mode®
operation when tied to ground. Tie this pin to ground
with a 26k (5% tolerance or better) resistor to enable
high efficiency Burst Mode with spread spectrum modu-
lation. Float this pin to enable pulse-skipping mode. Tie



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26