| 전자부품 데이터시트 검색엔진 |
|
RMCS-PD 데이터시트(PDF) 5 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RMCS-PD 데이터시트(HTML) 5 Page - Stackpole Electronics, Inc. |
|
5 / 7 page ![]() Rev Date: 07/22/2020 5 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. RMCS-PD Series High Sulfur Resistant Thick Film Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Taping Specifications – Paper Tape Size Unit 0.028 ± 0.004 0.047 ± 0.004 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 0.70 ± 0.10 1.20 ± 0.10 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.041 ± 0.008 0.071 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.05 ± 0.20 1.80 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.061 ± 0.008 0.091 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.55 ± 0.20 2.30 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.075 ± 0.008 0.138 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 1.90 ± 0.20 3.50 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm 0.112 ± 0.008 0.138 ± 0.008 0.315 ± 0.008 0.069 ± 0.004 0.138 ± 0.002 inches 2.85 ± 0.20 3.50 ± 0.20 8.00 ± 0.20 1.75 ± 0.10 3.50 ± 0.05 mm Size Unit 0.157 ± 0.004 0.079 ± 0.002 0.018 ± 0.004 0.059 0.079 ± 0.004 inches 4.00 ± 0.10 2.00 ± 0.05 0.45 ± 0.10 1.50 2.00 ± 0.10 mm 0.157 ± 0.004 0.079 ± 0.002 0.024 ± 0.004 0.059 0.157 ± 0.004 inches 4.00 ± 0.10 2.00 ± 0.05 0.60 ± 0.10 1.50 4.00 ± 0.10 mm 0.157 ± 0.004 0.079 ± 0.002 0.030 ± 0.004 0.059 0.157 ± 0.004 inches 4.00 ± 0.10 2.00 ± 0.05 0.75 ± 0.10 1.50 4.00 ± 0.10 mm 0.157 ± 0.004 0.079 ± 0.002 0.030 ± 0.004 0.059 0.157 ± 0.004 inches 4.00 ± 0.10 2.00 ± 0.05 0.75 ± 0.10 1.50 4.00 ± 0.10 mm 0.157 ± 0.004 0.079 ± 0.002 0.030 ± 0.004 0.059 0.157 ± 0.004 inches 4.00 ± 0.10 2.00 ± 0.05 0.75 ± 0.10 1.50 4.00 ± 0.10 mm 1210 +0.004 / -0 +0.10 / -0 0805 +0.004 / -0 +0.10 / -0 1206 +0.004 / -0 +0.10 / -0 0402 +0.004 / -0 +0.10 / -0 0603 +0.004 / -0 +0.10 / -0 G H T ØD P A B W E 1210 0603 0805 F 0402 1206 Taping Specifications – Plastic Tape Size Unit 0.130 ± 0.008 0.181 ± 0.008 0.472 ± 0.004 0.069 ± 0.004 0.217 ± 0.002 0.157 ± 0.004 inches 3.30 ± 0.20 4.60 ± 0.20 12.00 ± 0.10 1.75 ± 0.10 5.50 ± 0.05 4.00 ± 0.10 mm 0.130 ± 0.008 0.181 ± 0.008 0.472 ± 0.004 0.069 ± 0.004 0.217 ± 0.002 0.157 ± 0.004 inches 3.30 ± 0.20 4.60 ± 0.20 12.00 ± 0.10 1.75 ± 0.10 5.50 ± 0.05 4.00 ± 0.10 mm 0.110 ± 0.008 0.220 ± 0.008 0.472 ± 0.004 0.069 ± 0.004 0.217 ± 0.002 0.157 ± 0.004 inches 2.80 ± 0.20 5.60 ± 0.20 12.00 ± 0.10 1.75 ± 0.10 5.50 ± 0.05 4.00 ± 0.10 mm 0.134 ± 0.008 0.264 ± 0.008 0.472 ± 0.004 0.069 ± 0.004 0.217 ± 0.002 0.157 ± 0.004 inches 3.40 ± 0.20 6.70 ± 0.20 12.00 ± 0.10 1.75 ± 0.10 5.50 ± 0.05 4.00 ± 0.10 mm B W E F G 2010 2512 A 1218 1812 |