전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VOS628AT 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 VOS628AT
상세설명  Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS628AT 데이터시트(HTML) 7 Page - Vishay Siliconix

  VOS628AT Datasheet HTML 1Page - Vishay Siliconix VOS628AT Datasheet HTML 2Page - Vishay Siliconix VOS628AT Datasheet HTML 3Page - Vishay Siliconix VOS628AT Datasheet HTML 4Page - Vishay Siliconix VOS628AT Datasheet HTML 5Page - Vishay Siliconix VOS628AT Datasheet HTML 6Page - Vishay Siliconix VOS628AT Datasheet HTML 7Page - Vishay Siliconix VOS628AT Datasheet HTML 8Page - Vishay Siliconix VOS628AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VOS628A
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 08-Jan-14
7
Document Number: 83466
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
PACKAGE MARKING (example of VOS628A-3X001T)
Notes
• Option 1 is reflected with letter “X”.
• Tape and reel suffix (T) is not part of the package marking.
• VOS628AT can be marked as 628A1, 628A2, 628A3, or 628A4.
• VOS628A-X001T is marked as 628A1X, 628A2X, 628A3X, or 628A4X.
TAPE AND REEL DIMENSIONS in millimeters
Fig. 18 - Reel Dimensions (3000 units per reel)
22629-1
1.27 ± 0.25
2.6 ± 0.3
0.4 ± 0.1
7.0
+ 0.2
- 0.7
5.3 ± 0.3
5.0
7.5
Possible Footprint
V YWW 25
628A3X
Pin 1 dimple
330
(13")
17.1



Html Pages

1 2 3 4 5 6 7 8 9