| 전자부품 데이터시트 검색엔진 |
|
RVC2010 데이터시트(PDF) 3 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RVC2010 데이터시트(HTML) 3 Page - Stackpole Electronics, Inc. |
|
3 / 6 page ![]() Rev Date: 01/23/2019 3 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. RVC Series Medium Voltage Thick Film Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Recommended Pad Layout Soldering Conditions Type / Code a b c Unit 0.020 0.018 0.024 inches 0.50 0.45 0.60 mm 0.035 0.024 0.035 inches 0.90 0.60 0.90 mm 0.047 0.028 0.051 inches 1.20 0.70 1.30 mm 0.079 0.035 0.063 inches 2.00 0.90 1.60 mm 0.150 0.035 0.110 inches 3.80 0.90 2.80 mm 0.193 0.063 0.138 inches 4.90 1.60 3.50 mm RVC2512 RVC0402 RVC0603 RVC0805 RVC1206 RVC2010 (1) Time of IR reflow soldering at maximum temperature point 260°C: 10 seconds (2) Time of wave soldering at maximum temperature point 260°C: 10 seconds (3) Time of soldering iron at maximum temperature point 410°C: 5 seconds |