| 전자부품 데이터시트 검색엔진 |
|
RMCS0201 데이터시트(PDF) 4 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RMCS0201 데이터시트(HTML) 4 Page - Stackpole Electronics, Inc. |
|
4 / 6 page ![]() Rev Date: 7/5/2022 4 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. RMCS Series Sulfur Resistant Thick Film Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Packaging Specifications – Embossed Plastic Tape Recommended Pad Layout Type/Code Unit 0.110 ± 0.008 0.217 ± 0.008 0.472 ± 0.012 0.069 ± 0.004 0.217 ± 0.002 inches 2.80 ± 0.20 5.50 ± 0.20 12.00 ± 0.30 1.75 ± 0.10 5.50 ± 0.05 mm 0.138 ± 0.008 0.264 ± 0.008 0.472 ± 0.012 0.069 ± 0.004 0.217 ± 0.002 inches 3.50 ± 0.20 6.70 ± 0.20 12.00 ± 0.30 1.75 ± 0.10 5.50 ± 0.05 mm F RMCS2512 RMCS2010 L M W E Type/Code Unit 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 0.047 - 0 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 1.20 - 0 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 0.047 - 0 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 1.20 - 0 mm RMCS2512 P0 P1 P2 +0.004 / -0 +0.10 / -0 ØD0 K2 RMCS2010 +0.004 / -0 +0.10 / -0 Type/Code a b c Unit 0.012 0.010 0.012 inches 0.30 0.25 0.30 mm 0.024 0.020 0.028 inches 0.60 0.50 0.70 mm 0.035 0.031 0.039 inches 0.90 0.80 1.00 mm 0.051 0.031 0.055 inches 1.30 0.80 1.40 mm 0.087 0.039 0.067 inches 2.20 1.00 1.70 mm 0.079 0.035 0.110 inches 2.00 0.90 2.80 mm 0.150 0.035 0.110 inches 3.80 0.90 2.80 mm 0.193 0.063 0.138 inches 4.90 1.60 3.50 mm RMCS2512 RMCS2010 RMCS0201 RMCS0402 RMCS0603 RMCS0805 RMCS1206 RMCS1210 |