| 전자부품 데이터시트 검색엔진 |
|
TC35681FSG 데이터시트(PDF) 89 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35681FSG 데이터시트(HTML) 89 Page - Toshiba Semiconductor |
|
89 / 91 page ![]() TC35680FSG-002/TC35681FSG-002 89 2019-04-04 8. List of Products The line-up of the TC35680/TC35681 series is shown in Table 8-1. Table 8-1 Product line-up Product Description TC35680FSG-002(ELG A unique BD address is added. DC/DC converter is used. SWD can be set. (Note 1) Minimum Order Quantity (MOQ) 2,000 units TC35680FSG-002(E1C A unique BD address is added. DC/DC converter is used. SWD can be set. (Note 1) MOQ 100 units TC35681FSG-002(ELC A unique BD address is added. DC/DC converter is used. SWD enabled. MOQ 2,000 units TC35681FSG-002(E1C A unique BD address is added. DC/DC converter is used. SWD enabled. MOQ 100 units Note 1: When an SWD password is not set, the SWD function is available. And when the SWD password is set, the SWD function cannot be used until a password which is identical to the SWD password is set. |