| 전자부품 데이터시트 검색엔진 |
|
TC35681IFTG 데이터시트(PDF) 40 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35681IFTG 데이터시트(HTML) 40 Page - Toshiba Semiconductor |
|
40 / 84 page ![]() TC35681IFTG-002 40 / 84 2018-10-03 Preliminary CONFIDENTIAL Connection Example (Host Interface in HCI Mode) The UART interface can be connected with a UART interface on a host CPU. Figure 4-3 shows an example of the connection with an external host CPU for the 2-wire start-stop synchronization data transfer (Reception data and Transmission data). When the HCI mode is selected, the built-in firmware assigns the UART function to the corresponding GPIO pins. Figure 4-4 shows the timing of the assignment when the UART function is assigned to the GPIO pins in the HCI mode. Figure 4-3 UART connection example Figure 4-4 Timing of assignment of UART function TC35681 UART reception data (RX) UART transmission data (TX) HOST CPU Reset UART transmission data UART reception data Reset GPIO Configuration UART Communication Output direction Input direction |