전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VBO30 데이터시트(PDF) 1 Page - IXYS Corporation

부품명 VBO30
상세설명  Single Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO30 데이터시트(HTML) 1 Page - IXYS Corporation

  VBO30 Datasheet HTML 1Page - IXYS Corporation VBO30 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
1 - 2
IXYS reserves the right to change limits, test conditions and dimensions.
VBO 30
I
dAVM = 35 A
V
RRM = 1200-1800 V
V
RSM
V
RRM
Type
VV
800
800
VBO 30-08NO7
1200
1200
VBO 30-12NO7
1400
1400
VBO 30-14NO7
1600
1600
VBO 30-16NO7
1800
1800
VBO 30-18NO7*
* delivery time on request
Symbol
Conditions
Maximum Ratings
I
dAVM
T
C = 85°C, module
35
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
400
A
V
R = 0
t = 8.3 ms (60 Hz), sine
440
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
360
A
V
R = 0
t = 8.3 ms (60 Hz), sine
400
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
800
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
810
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
650
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
670
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL
≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M4)
1.5
±15%
Nm
13
±15% lb.in.
Terminal connection torque (M4)
1.5
±15%
Nm
13
±15% lb.in.
Weight
typ.
135
g
Features
• Package with screw terminals
• Isolation voltage 3000 V~
• Planar passivated chips
• Blocking voltage up to 1800 V
• Low forward voltage drop
• UL registered E 72873
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power cycling
Data according to IEC 60747 refer to a single diode unless otherwise stated.
Symbol
Conditions
Characteristic Values
I
R
V
R
= V
RRM;TVJ = 25°C
≤
0.3
mA
V
R
= V
RRM;TVJ = TVJM
≤
5.0
mA
V
F
I
F
= 150 A;
T
VJ = 25
°C
≤
2.2
V
V
T0
For power-loss calculations only
0.85
V
r
T
T
VJ = TVJM
12
m
Ω
R
thJC
per diode; DC current
2.8
K/W
per module
0.7
K/W
R
thJK
per diode; DC current
3.4
K/W
per module
0.85
K/W
Dimensions in mm (1 mm = 0.0394")
Single Phase
Rectifier Bridge
~
~
+
-
+
–
~
~


유사한 부품 번호 - VBO30

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
VBO30-16NO7 IXYS-VBO30-16NO7 Datasheet
134Kb / 5P
Standard Rectifier Module
More results

유사한 설명 - VBO30

제조업체부품명데이터시트상세설명
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com