| 전자부품 데이터시트 검색엔진 |
|
PAM8904EJPR 데이터시트(PDF) 7 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PAM8904EJPR 데이터시트(HTML) 7 Page - Diodes Incorporated |
|
7 / 10 page ![]() PAM8904E Document number: DS41667 Rev. 2 - 2 7 of 10 www.diodes.com February 2022 © Diodes Incorporated PAM8904E Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. (1) Package Type: U-QFN3030-16 (Type B) Side View A A3 A1 Bottom View D D2 E e b (16x) L (16x) E2 (Pin #1 ID) Z (8x) 0.450 R0.2 00 (2) Package Type: U-QFN3030-12 (Type A) D E e E2 D2 b1 b L h h Pin#1 ID k k z A A1 A3 Seating Plane U-QFN3030-16 Type B Dim Min Max Typ A 0.55 0.65 0.60 A1 0 0.05 0.02 A3 - - 0.15 b 0.18 0.28 0.23 D 2.95 3.05 3.00 D2 1.40 1.60 1.50 E 2.95 3.05 3.00 E2 1.40 1.60 1.50 e - - 0.50 L 0.35 0.45 0.40 Z - - 0.625 All Dimensions in mm U-QFN3030-12 (Type A) Dim Min Max Typ A 0.55 0.65 0.60 A1 0.00 0.05 0.02 A3 -- -- 0.152 b 0.20 0.35 0.25 b1 0.15 0.25 0.20 D 2.95 3.05 3.00 D2 1.55 1.75 1.65 E 2.95 3.05 3.00 E2 1.55 1.75 1.65 e -- -- 0.50 h -- -- 0.25 L 0.35 0.45 0.40 k -- -- 0.275 z -- -- 0.875 All Dimensions in mm |