전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMA704 데이터시트(PDF) 3 Page - Aeroflex Circuit Technology

부품명 MMA704
상세설명  DC to 3.7 GHz Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROFLEX [Aeroflex Circuit Technology]
홈페이지  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MMA704 데이터시트(HTML) 3 Page - Aeroflex Circuit Technology

  MMA704 Datasheet HTML 1Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 2Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 3Page - Aeroflex Circuit Technology MMA704 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Aeroflex / Metelics, Inc.
www.aeroflex-metelics.com
Recommended PCB Layout:
Revision Date: 09/16/04
SOT89 Outline Dimensions:
MMA704
DC to 3.7 GHz Amplifier
.051
.020
2.49
.098
7.62
.300
2.54
.100
3.20
.126
1.27
.050
0.58
.023
0.86
.034
2.11
.083
0.64
.025
X15
1.27
.050
1.04
.041
1.27
.050
2.54
.100
NO SOLDER MASK



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com