| 전자부품 데이터시트 검색엔진 |
|
NRF9160-SIBA-R7 데이터시트(PDF) 71 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R7 데이터시트(HTML) 71 Page - Nordic Semiconductor |
|
71 / 400 page ![]() Power and clock management 5.3.2.1.1 TASKS_HFCLKSTART Address offset: 0x000 Start HFCLK source Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W TASKS_HFCLKSTART Start HFCLK source Trigger 1 Trigger task 5.3.2.1.2 TASKS_HFCLKSTOP Address offset: 0x004 Stop HFCLK source Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W TASKS_HFCLKSTOP Stop HFCLK source Trigger 1 Trigger task 5.3.2.1.3 TASKS_LFCLKSTART Address offset: 0x008 Start LFCLK source Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W TASKS_LFCLKSTART Start LFCLK source Trigger 1 Trigger task 5.3.2.1.4 TASKS_LFCLKSTOP Address offset: 0x00C Stop LFCLK source Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W TASKS_LFCLKSTOP Stop LFCLK source Trigger 1 Trigger task 5.3.2.1.5 SUBSCRIBE_HFCLKSTART Address offset: 0x080 4418_1315 v2.0 71 |