전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2903 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 LM2903
상세설명  Low-power dual voltage comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button LM2903_V01 Datasheet HTML 13Page - STMicroelectronics LM2903_V01 Datasheet HTML 14Page - STMicroelectronics LM2903_V01 Datasheet HTML 15Page - STMicroelectronics LM2903_V01 Datasheet HTML 16Page - STMicroelectronics LM2903_V01 Datasheet HTML 17Page - STMicroelectronics LM2903_V01 Datasheet HTML 18Page - STMicroelectronics LM2903_V01 Datasheet HTML 19Page - STMicroelectronics LM2903_V01 Datasheet HTML 20Page - STMicroelectronics LM2903_V01 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
LM2903
20/21
DocID2470 Rev 14
8
Revision history
Table 10. Document revision history
Date
Revision
Changes
15-Jun-2003
1
Initial release.
2-May-2005
2
PPAP references inserted in the datasheet see table order code p1.
8-Aug-2005
3
Electrical characteristics table corrected (see Table 3 on page 5).
Pin connections diagram moved to cover page.
Lead-free package information added.
27-Oct-2005
4
PPAP part number added in Table 9: Order codes.
11-May-2007
5
ESD tolerance added in Table 1: Absolute maximum ratings on page
4.
17-Jan-2008
6
Added Rthja and Rthjc, and ESD CDM parameters in Table 1:
Absolute maximum ratings.
Removed Vicm from electrical characteristics in Table 3.
Reformatted package information in Section 6.
Added footnotes for automotive grade parts in Table 9: Order codes..
21-Feb-2008
7
Corrected SO-8 package mechanical data. Dimension E in drawing
was marked H in table.
Corrected revision history (revision 6 is of January 2008, not January
2007).
03-Dec-2009
8
Added pin description on cover page.
16-Feb-2012
9
Removed LM2903YD order code from Table 9.
05-Dec-2012
10
Added the DFN8 package
Small modifications to Figure 2 and Table 1.
21-Nov-2013
11
Added MiniSO8 package
Added Related products
Table 1: updated Rthjc and CDM information for MIniSO8
Table 9: added order code LM2903YST for MiniSO8 (automotive
grade).
Updated disclaimer
15-Nov-2017
12
Added new RPN LM2903YQ3T Table 9: Order codes, and new
Section 6.5: DFN8 2x2 package mechanical data (LM2903YQ3T).
Removed DIP8 package.
08-Oct-2018
13
Updated Section 7: Ordering information.
08-Sep-2021
14
Updated Table 1: Absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21