전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SOC3810HRT 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 SOC3810HRT
상세설명  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC3810HRT 데이터시트(HTML) 3 Page - STMicroelectronics

  SOC3810HRT Datasheet HTML 1Page - STMicroelectronics SOC3810HRT Datasheet HTML 2Page - STMicroelectronics SOC3810HRT Datasheet HTML 3Page - STMicroelectronics SOC3810HRT Datasheet HTML 4Page - STMicroelectronics SOC3810HRT Datasheet HTML 5Page - STMicroelectronics SOC3810HRT Datasheet HTML 6Page - STMicroelectronics SOC3810HRT Datasheet HTML 7Page - STMicroelectronics SOC3810HRT Datasheet HTML 8Page - STMicroelectronics SOC3810HRT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 3. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ICBO
Collector-base cut-off current (IE = 0)
VCB = -50 V
-10
nA
VCB = -50 V TC = 150 °C
-10
μA
IEBO
Emitter-base cut-off current (IC = 0)
VEB = -4 V
-20
nA
V(BR)CBO
Collector-base breakdown voltage
(IE = 0)
IC = -10 μA
-60
V
V(BR)CEO (1)
Collector-emitter breakdown voltage
(IB = 0)
IC = -10 mA
-60
V
V(BR)EBO
Emitter-base breakdown voltage
(IC = 0)
IE = -10 μA
-5
V
VCE(sat) (1)
Collector-emitter saturation voltage
IC = -100 µA IB = -10 µA
-0.2
V
IC = -1 mA IB = -100 µA
-0.25
V
VBE(sat) (1)
Base-emitter saturation voltage
IC = -100 µA IB = -10 µA
-0.7
V
IC = -1 mA IB = -100 µA
-0.8
V
hFE (1)
DC current gain
IC = 10 µA VCE = 5 V
100
IC = 100 µA VCE = 5 V
150
450
IC = 500 µA VCE = 5 V
150
450
IC = 1 mA VCE = 5 V
150
450
IC = 10 mA VCE = 5 V
125
IC = 100 µA VCE = -5 V
Tamb = -55 °C
60
hFE2-1 / hFE2-2
DC current ratio comparison
IC = -100 µA VCE = -5 V
0.9
1.1
hFE2-1 / hFE2-2
DC current ratio comparison
IC = -100 µA VCE = -5 V
Tamb = -55 °C to +125 °C
0.85
1.18
Δ|VBE1 -VBE2|
Base-emitter voltage differential
VCE = -5 V IC = -10 µA
5
mV
VCE = -5 V IC = -100 µA
3
mV
VCE = -5 V IC = -10 mA
5
mV
Δ|VBE1 -VBE2|
Base-emitter voltage differential
VCE = -5 V IC = -100 µA
Tamb = -55 °C to +25 °C
0.8
mV
Tamb = +25 °C to +125 °C
1
mV
ILks
Leakage current between sections
V = -50 V to E2, B2, C2
V = 0 V to E1, B1, C1
-5
µA
hfe
Small signal current gain
VCE = -10 V IC = -1 mA
f = 1 kHz
150
600
2N3810HR
Electrical characteristics
DS6098 - Rev 9
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14