| 전자부품 데이터시트 검색엔진 |
|
ST25R3916 데이터시트(PDF) 151 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R3916 데이터시트(HTML) 151 Page - STMicroelectronics |
|
151 / 157 page ![]() DS12484 Rev 4 151/157 ST25R3916/7 Package information 156 Figure 37. VFQFPN32 recommended footprint 1. Dimensions are expressed in millimeters. D 5.000 0.1969 D2 3.400 3.500 3.600 0.1339 0.1378 0.1417 E 5.000 0.1969 E2 3.400 3.500 3.600 0.1339 0.1378 0.1417 e 0.500 0.0197 S1 0.350 0.0138 bbb - 0.100 - - 0.0039 - ccc - 0.100 - - 0.0039 - eee - 0.080 - - 0.0031 - 1. Values in inches are converted from mm and rounded to four decimal digits. Table 134. VFQFPN32 mechanical data (continued) Symbol millimeters inches(1) Min Typ Max Min Typ Max B04R_FP_V1 3.50 3.50 0.80 0.25 0.50 |